Electronic Components Datasheet Search
  English  ▼

X  

TS52003 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS52003
Description  High Efficiency SuperCap Charger for Photovoltaic Sources
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52003 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS52003 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
- 2 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
TS52003
Version 1.2
PINOUT
TS52003
QFN16 4x4
Top/Symbolization View
VIN
VSENSE
VOUT
SW
VIN
NC
NC
SCL
Figure 1b: Package Pinout Diagram
PIN DESCRIPTION
Pin Symbol
Pin #
Function
Description
SW
1
Switching Voltage Node
Connected to 4.7uH (typical) inductor
VIN
2
Photovoltaic Input Voltage
Input voltage
VSENSE
3
Current Sense Positive Input
Positive input for the MPP current loop.
VOUT
4
Super Cap Voltage
Regulator Feedback Input
GND
5
GND
Primary ground for the majority of the device except
the low-side power FET.
EN
6
Enable Input
Above 2.2V the device is enabled. GND the pin to
disable the device. Includes internal pull-up.
nFLT
7
Inverted Fault
Open-drain output.
VDD
8
Internal 3.3V Supply Output
Connected to 100nF capacitor to GND
9
Unused
GND in application
10
Unused
GND in application
VIN
11
Photovoltaic Input Voltage
Input voltage
SCL
12
Clock Input
I²C clock input.
SDA
13
Data Input/Output
I²C data open-drain output.
SW
14
Switching Voltage Node
Connected to 4.7uH (typical) inductor
PGND
15
Power GND
GND supply for internal low-side FET/integrated diode
PGND
16
Power GND
GND supply for internal low-side FET/integrated diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com