Electronic Components Datasheet Search
  English  ▼

X  

TS52003 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TS52003
Description  High Efficiency SuperCap Charger for Photovoltaic Sources
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52003 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TS52003 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
- 5 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
TS52003
Version 1.2
CHARACTERISTICS
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN Supply Voltage
VIN
Photovoltaic Voltage Input
3.2
5.3
7.2
V
ICC-NORM
Quiescent current
Normal Mode
ILOAD = 0A
3
mA
ICC-DISABLE
Quiescent current
Disable Mode
EN = 0V
15
50
uA
VOUT Leakage
IOUT-LEAK
Leakage Current
EN = 0V, Vout = 2.7V
10
uA
IOUT-BACK
Reverse Current
Vout > VIN, Vout = 2.7V
10
uA
VIN Under-Voltage Lockout
VIN-UV
Input Supply Under-Voltage
Threshold
VIN Increasing
3.15
V
VIN-UV_HYST
Input Supply Under-Voltage
Threshold Hysteresis
100
200
mV
OSC
FOSC
Oscillator Frequency
0.9
1
1.1
MHz
nFLT Open Drain Output
TnFLT
nFLT Release Timer
0
ms
IOH-nFLT
High-Level Output Leakage
VnFLT = 5.3V
0.1
uA
VOL-nFLT
Low-Level Output Voltage
InFLT = -1mA
0.4
V
EN/SCL/SDA Input Voltage Thresholds
VIH
High Level Input Voltage
2.2
V
VIL
Low Level Input Voltage
0.8
V
VHYST
Input Hysteresis
200
mV
IIN-EN
Input Leakage
VEN=VIN
0.1
uA
VEN=0V
-2.0
uA
IIN-SCL
Input Leakage
VSCL=VIN
55
uA
VSCL=0V
-0.1
uA
IIN-SDA
Input Leakage
VSDA=VIN
0.1
uA
VSDA=0V
-0.1
uA
VOL-SDA
Low-Level Output Voltage
ISDA = -1mA
0.4
V
Thermal Shutdown
TSD
Thermal Shutdown Junction
Temperature
150
170
C
TSDHYST
TSD Hysteresis
10
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com