Electronic Components Datasheet Search
  English  ▼

X  

MP2357 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2357
Description  0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2357 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2357 Datasheet HTML 1Page - Monolithic Power Systems MP2357 Datasheet HTML 2Page - Monolithic Power Systems MP2357 Datasheet HTML 3Page - Monolithic Power Systems MP2357 Datasheet HTML 4Page - Monolithic Power Systems MP2357 Datasheet HTML 5Page - Monolithic Power Systems MP2357 Datasheet HTML 6Page - Monolithic Power Systems MP2357 Datasheet HTML 7Page - Monolithic Power Systems MP2357 Datasheet HTML 8Page - Monolithic Power Systems MP2357 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2357
– 0.5A, 24V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6
MP2357 Rev. 1.0
www.MonolithicPower.com
3
6/13/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
 V
IN  24V
0.790
0.810
0.830
V
Feedback Current
IFB
VFB = 0.8V
10
nA
Switch-On Resistance
(5)
RDS(ON)
0.35
Ω
Switch Leakage
VEN = 0V, VSW = 0V
10
μA
Current Limit
(5)
0.8
A
Oscillator Frequency
fSW
VFB = 0.6V
1.4
MHz
Fold-back Frequency
VFB = 0V
460
KHz
Maximum Duty Cycle
VFB = 0.6V
87
%
Minimum On-Time
(5)
tON
100
ns
Under Voltage Lockout Threshold Rising
2.5
2.8
3.1
V
Under Voltage Lockout Threshold Hysteresis
150
mV
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.2
V
EN Input Current
VEN = 2V
2.1
μA
VEN = 0V
0.01
Supply Current (Shutdown)
VEN = 0V
0.1
1.0
μA
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
0.8
1.0
mA
Thermal Shutdown
(5)
150
°C
Note:
5) Guaranteed by design.
PIN FUNCTIONS
Pin #
Name Description
1
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply voltage. It
is connected between SW and BS pins to form a floating supply across the power switch driver.
2
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason care
must be taken in its layout. This node should be placed outside of the D1 to C1 ground path to
prevent switching current spikes from inducing voltage noise into the part.
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets the
output voltage. To prevent current limit run away during a short circuit fault condition the
frequency foldback comparator lowers the oscillator frequency when the FB voltage is below
250mV.
4
EN
On/Off Control Input. Pull above 1.2V to turn the device on.
5
IN
Supply Voltage. The MP2357 operates from a +4.5V to +24V unregulated input. C1 is needed
to prevent large voltage spikes from appearing at the input.
6
SW
Switch Output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com