Electronic Components Datasheet Search
  English  ▼

X  

MP2357 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2357
Description  0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2357 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2357 Datasheet HTML 2Page - Monolithic Power Systems MP2357 Datasheet HTML 3Page - Monolithic Power Systems MP2357 Datasheet HTML 4Page - Monolithic Power Systems MP2357 Datasheet HTML 5Page - Monolithic Power Systems MP2357 Datasheet HTML 6Page - Monolithic Power Systems MP2357 Datasheet HTML 7Page - Monolithic Power Systems MP2357 Datasheet HTML 8Page - Monolithic Power Systems MP2357 Datasheet HTML 9Page - Monolithic Power Systems MP2357 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP2357
– 0.5A, 24V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6
MP2357 Rev. 1.0
www.MonolithicPower.com
7
6/13/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting Output Voltage
The external resistor divider is used to set the
output voltage (see the schematic on front
page). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Figure 1). R2 can
be determined by:
1
V
81
.
0
V
1
R
2
R
OUT
Table 1
—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
1.8
80.6 (1%)
64.9 (1%)
2.5
49.9 (1%)
23.7 (1%)
3.3
49.9 (1%)
16.2 (1%)
5
49.9 (1%)
9.53 (1%)
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor
’s DC resistance should be less than
200m
Ω. For most designs, the required
inductance value can be derived from the
following equation.
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
Where
ΔI
L is the inductor ripple current.
Choose the inductor ripple current to be 30% of
the maximum load current. The maximum
inductor peak current is calculated from:
2
I
I
I
L
LOAD
)
MAX
(
L
Under light load conditions below 100mA, a
larger inductance is recommended for improved
efficiency. See Table 2 for suggested inductors.
Also note that the maximum recommended load
current is 0.5A if the duty cycle exceeds 35%.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and the switching noise from
the device. The input capacitor impedance at the
switching frequency should be less than the input
source impedance to prevent high frequency
switching current from passing through the input.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low ESR
and small temperature coefficients. For most
applications, a 4.7µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures loop stability. The
output capacitor impedance should be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended
for their low ESR characteristics. For most
applications, a 22µF ceramic capacitor will be
sufficient.
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure2 for references.
1)
Keep the path of switching current short
and minimize the loop area formed by Input
cap,
high-side
MOSFET
and
schottky
diode.
2)
Keep the connection of schottky diode
between SW pin and input power ground
as short and wide as possible.
3)
Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4)
Route SW away from sensitive analog
areas such as FB.
5)
Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability. For single layer,
do not solder exposed pad of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com