Electronic Components Datasheet Search
  English  ▼

X  

MP2459GJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2459GJ
Description  0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2459GJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2459GJ Datasheet HTML 1Page - Monolithic Power Systems MP2459GJ Datasheet HTML 2Page - Monolithic Power Systems MP2459GJ Datasheet HTML 3Page - Monolithic Power Systems MP2459GJ Datasheet HTML 4Page - Monolithic Power Systems MP2459GJ Datasheet HTML 5Page - Monolithic Power Systems MP2459GJ Datasheet HTML 6Page - Monolithic Power Systems MP2459GJ Datasheet HTML 7Page - Monolithic Power Systems MP2459GJ Datasheet HTML 8Page - Monolithic Power Systems MP2459GJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP2459 – 0.5A, 55V, 480kHz, STEP-DOWN CONVERTER IN A TSOT23-6
MP2459 Rev. 1.0
www.MonolithicPower.com
2
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2459GJ
TSOT23-6
AEQ
* For Tape & Reel, add suffix –Z (eg. M2459GJ–Z);
PACKAGE REFERENCE
BST
GND
FB

!
$
#
"
SW
IN
EN
TOP
VIEW
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN ........................ −0.3V to 60V
VSW ........................................−0.3V to VIN+0.3V
VBS .......................................................VSW + 6V
All Other Pins................................ −0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
TSOT23-6..............................................0.568W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature.............. −65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 4.5V to 55V
Output Voltage VOUT............... 0.81V to 0.95×VIN
Operating Junction Temp........ −40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-6 .............................. 220 ... 110 °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device function is not guaranteed outside of the
recommended operating conditions.
4) Measured on JESD51-7, 4-layer PCB..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com