Electronic Components Datasheet Search
  English  ▼

X  

MP2459GJ Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2459GJ
Description  0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2459GJ Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2459GJ Datasheet HTML 5Page - Monolithic Power Systems MP2459GJ Datasheet HTML 6Page - Monolithic Power Systems MP2459GJ Datasheet HTML 7Page - Monolithic Power Systems MP2459GJ Datasheet HTML 8Page - Monolithic Power Systems MP2459GJ Datasheet HTML 9Page - Monolithic Power Systems MP2459GJ Datasheet HTML 10Page - Monolithic Power Systems MP2459GJ Datasheet HTML 11Page - Monolithic Power Systems MP2459GJ Datasheet HTML 12Page - Monolithic Power Systems MP2459GJ Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP2459 – 0.5A, 55V, 480kHz, STEP-DOWN CONVERTER IN A TSOT23-6
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2459 Rev. 1.0
www.MonolithicPower.com
13
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSOT23-6
0.30
0.50
SE A TING PLA NE
0.95 B SC
0.84
0.90
1.00 M A X
0.00
0.10
TO P VIEW
FR O N T VIE
W
SID E VIE
W
R E C O MM E N D E D LAN D P A TTE R N
2.80
3.00
1.50
1.70
2.60
3.00
1
3
4
6
0.09
0.20
N O TE :
1)A LL D IM EN SIO N S A R E IN M ILLIM ETERS.
2)PA C KA G E LEN G TH D O ES N O T IN C LU D E M O LD FLA SH,
PR O TRU SIO N O R G A TE BUR R.
3)PA C KA G E W ID TH D O ES N O T INC LU D E INTER LEA D FLA SH
O R PR O TR U SIO N.
4)LEA D CO PLA NA RITY(B O TTO M O F LEA D S A FTER FO R M IN G )
SH A LL BE 0.10 M ILLIM ETER S M A X.
5)DR A W IN G CO N FO R M S TO JED EC M O-193,VA R IA TIO N A B.
6)DR A W IN G IS NO T TO SC A LE.
7)PIN1 IS LO WE R LEFT PINW H EN REA DIN G TO P M A R K FR O M
LEFT TO R IG HT,(SE E EX A M PLE TO P M A R K)
0.30
0.50
0
o-8o
0.25 B SC
G A U G E PLA N E
2.60
TYP
1.20
TYP
0.95
B SC
0.60
TYP
SEE D ETA IL "A"
AAAA
PIN 1
See N ote 7
EXA M PLE
TO P M A RK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com