Electronic Components Datasheet Search
  English  ▼

X  

MP2481 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2481
Description  36V, 1.2A, 1.4MHz White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2481 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2481 Datasheet HTML 1Page - Monolithic Power Systems MP2481 Datasheet HTML 2Page - Monolithic Power Systems MP2481 Datasheet HTML 3Page - Monolithic Power Systems MP2481 Datasheet HTML 4Page - Monolithic Power Systems MP2481 Datasheet HTML 5Page - Monolithic Power Systems MP2481 Datasheet HTML 6Page - Monolithic Power Systems MP2481 Datasheet HTML 7Page - Monolithic Power Systems MP2481 Datasheet HTML 8Page - Monolithic Power Systems MP2481 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2481
36V, 1.2A, 1.4MHz
White LED Driver
MP2481 Rev. 1.42
www.MonolithicPower.com
1
4/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2481 is a 36V, 1.2A, white LED driver
suitable for either step-down or inverting
step-up/down applications. It achieves 1.2A
peak output current over a wide input supply
range with excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization. Fault
condition protection includes thermal shutdown,
cycle-by-cycle peak current limiting, input over
voltage protection, open strings protection and
output short circuit protection.
The MP2481 incorporates both DC and PWM
dimming onto a single control pin. The separate
input reference ground pin allows for direct
enable and/or dimming control for a positive to
negative power conversion.
The MP2481 requires a minimum number of
readily available standard external components
and is available in 8-pin MSOP8E package.
EVALUATION BOARD REFERENCE
Board Number
Mode
EV2481-H-00A
Step-down
EV2481-H-01A
Step-up/down
FEATURES
• 1.2A Maximum Output Current
• Unique Step-up/down Operation (Buck-
Boost Mode)
• Wide 4.5V to 36V Operating Input Range for
Step-Down Applications (Buck Mode)
• 0.30Ω Internal Power MOSFET Switch
• Fixed 1.4MHz Frequency
• Analog and PWM Dimming
• 0.2V Reference Voltage
• Up to 95% Efficiency
• 5μA Shutdown Mode
• No minimum LED required
• Stable with Low ESR Output Ceramic
Capacitors
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown Protection
• Open Strings Protection
• Input Over Voltage Protection
• Output Short Circuit Protection
• Available in 8-Pin MSOP8E Package
APPLICATIONS
• General LED Illuminations
• LCD Backlight Panels
• Handheld Computers
• Automotive Internal Lighting
• Portable Multimedia Players
• Portable GPS Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Trademarks of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION (STEP-UP/DOWN APPLICATION)
MP2481
SW
FB
BST
VSS
VDD
OVP
EN/DIM
INGND
Cbs
1
5
6
2
4
8
7
3
D1
3 series, 9 paralleled
C1
VIN
4.5V-36V
L1
C2
R1
R2
Rs
OFF
DC or PWM INPUT
ON
Efficiency vs. Input
Step-up/down Application
Voltage
60
65
0
5
10
15
20
25
30
70
75
80
85
90
INPUT VOLTAGE (V)
4 series,400mA
3 series,400mA
3 series,9 paralleded,180mA total


Similar Part No. - MP2481

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2481 MPS-MP2481 Datasheet
160Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
MP2481DH MPS-MP2481DH Datasheet
158Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
More results

Similar Description - MP2481

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
1.2A 36V Step Down High Brightness LED Driver
logo
Monolithic Power System...
EV2370DJ-00A MPS-EV2370DJ-00A Datasheet
147Kb / 4P
1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
EV2481-H-00A MPS-EV2481-H-00A Datasheet
158Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
EV2481-H-01A MPS-EV2481-H-01A Datasheet
160Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
MP24895A MPS-MP24895A Datasheet
905Kb / 14P
6V - 36V, Step-Down, White LED Driver
logo
Shenzhen Tianyuan Semic...
TP4205 TPOWER-TP4205 Datasheet
470Kb / 7P
36V/1.2A high dimming ratio LED driver
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
36V/1.2A high dimming ratio LED driver
logo
Shenzhen Huazhimei Semi...
HM4112A HMSEMI-HM4112A Datasheet
595Kb / 7P
36V/1.2A high dimming ratio LED driver
HM4112 HMSEMI-HM4112 Datasheet
762Kb / 8P
36V/1.2A high dimming ratio LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com