Electronic Components Datasheet Search
  English  ▼

X  

MP2481 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2481
Description  36V, 1.2A, 1.4MHz White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2481 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2481 Datasheet HTML 4Page - Monolithic Power Systems MP2481 Datasheet HTML 5Page - Monolithic Power Systems MP2481 Datasheet HTML 6Page - Monolithic Power Systems MP2481 Datasheet HTML 7Page - Monolithic Power Systems MP2481 Datasheet HTML 8Page - Monolithic Power Systems MP2481 Datasheet HTML 9Page - Monolithic Power Systems MP2481 Datasheet HTML 10Page - Monolithic Power Systems MP2481 Datasheet HTML 11Page - Monolithic Power Systems MP2481 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP2481 –36V, 1.2A, 1.4MHz WHITE LED DRIVER
MP2481 Rev. 1.42
www.MonolithicPower.com
11
4/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP2481
SW
FB
BST
VSS
VDD
OVP
EN/DIM
INGND
C3
10nF
1
5
6
2
4
8
7
3
D1
B140
VIN
6V-36V
OFF
DC or PWM INPUT
ON
39
LED1
10
0.2
1%
Figure 3—Step-Down White LED Driver Application
MP2481
SW
FB
BST
VSS
VDD
OVP
EN/DIM
INGND
C3
10nF
1
5
6
2
4
8
7
3
D1
10
1.1
B140
VIN
4.5V-36V
OFF
DC or PWM INPUT
ON
3 series, 9 paralleled
Figure 4—Step-up/down White LED Driver Application
MP2481
SW
FB
BST
VSS
VDD
OVP
EN/DIM
INGND
C3
10nF
1
5
6
2
4
8
7
3
D1
R1
R2
B140
1.1
VIN
4.5V-7.5V
100
10
OFF
DC or PWM INPUT
ON
3 series, 9 paralleled
Figure 5—Optional Step-up White LED Driver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com