Electronic Components Datasheet Search
  English  ▼

X  

MP2488 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2488
Description  200kHz, 55V Input, 2A High Power LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2488 Datasheet HTML 1Page - Monolithic Power Systems MP2488 Datasheet HTML 2Page - Monolithic Power Systems MP2488 Datasheet HTML 3Page - Monolithic Power Systems MP2488 Datasheet HTML 4Page - Monolithic Power Systems MP2488 Datasheet HTML 5Page - Monolithic Power Systems MP2488 Datasheet HTML 6Page - Monolithic Power Systems MP2488 Datasheet HTML 7Page - Monolithic Power Systems MP2488 Datasheet HTML 8Page - Monolithic Power Systems MP2488 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP2488 – 2A, 200kHz, 55V HIGH-POWER LEDS DRIVER
MP2488 Rev. 1.0
www.MonolithicPower.com
5
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=44V, ILED=330mA, 10 WLED series, unless otherwise noted.
VIN
20V/div
VSW
20V/div
VSW
20V/div
VSW
50V/div
ILED
200mA/div
ILED
200mA/div
ILED
200mA/div
IINDUCTOR
200mA/div
IINDUCTOR
200mA/div
VEN
5V/div
VCOMP
500mV/div
Steady State Operation
2ms/div
4us/div
PWM Dimming
fPWM=200Hz,DPWM=50%
EN Shutdown
VEN
5V/div
VSW
50V/div
ILED
200mA/div
IINDUCTOR
200mA/div
VEN
5V/div
EN Start Up
Efficiency vs. Input Voltage
10 WLED@330mA
90
92
94
96
98
100
30
35
40
45
50
55
60
INPUT VOLTAGE(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com