Electronic Components Datasheet Search
  English  ▼

X  

MP2488 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2488
Description  200kHz, 55V Input, 2A High Power LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2488 Datasheet HTML 6Page - Monolithic Power Systems MP2488 Datasheet HTML 7Page - Monolithic Power Systems MP2488 Datasheet HTML 8Page - Monolithic Power Systems MP2488 Datasheet HTML 9Page - Monolithic Power Systems MP2488 Datasheet HTML 10Page - Monolithic Power Systems MP2488 Datasheet HTML 11Page - Monolithic Power Systems MP2488 Datasheet HTML 12Page - Monolithic Power Systems MP2488 Datasheet HTML 13Page - Monolithic Power Systems MP2488 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP2488 – 2A, 200kHz, 55V HIGH-POWER LEDS DRIVER
MP2488 Rev. 1.0
www.MonolithicPower.com
12
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP2488
COMP
FB
FREQ
EN
VIN
GND
SW
BST
VIN
8V to 55V
CONTROL
CIN
CCOM1
CCOM2
47pF
D1
B180-7-F
LED-
LED+
CBST
COUT
RFB
ILED
RFREQ
CFREQ
RCOM
=700mA
22nF
100nF
1nF
Figure 3—700mA WLED Driver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com