Electronic Components Datasheet Search
  English  ▼

X  

MP2489DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2489DQ
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2489DQ Datasheet HTML 1Page - Monolithic Power Systems MP2489DQ Datasheet HTML 2Page - Monolithic Power Systems MP2489DQ Datasheet HTML 3Page - Monolithic Power Systems MP2489DQ Datasheet HTML 4Page - Monolithic Power Systems MP2489DQ Datasheet HTML 5Page - Monolithic Power Systems MP2489DQ Datasheet HTML 6Page - Monolithic Power Systems MP2489DQ Datasheet HTML 7Page - Monolithic Power Systems MP2489DQ Datasheet HTML 8Page - Monolithic Power Systems MP2489DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2489
Step Down White LED Driver with
Wide 6V–60V Input Voltage
MP2489 Rev. 1.23
www.MonolithicPower.com
1
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2489 is a high efficiency step-down
converter designed in continuous current mode
for driving the high brightness Light Emitting
Diodes (LED) from wide input voltage 6V–60V.
The
MP2489
employs
hysteretic
control
architecture to regulate a high accuracy LED
current, which is measured through an external
high-side current sensing resistor. Moreover,
this control scheme provides optimized circuit
stabilization and very quick response time
without the loop compensation. Its low 202mV
average feedback voltage reduces power loss
and improves the converter efficiency.
The MP2489 implements PWM and analog
dimming together with DIM pin.
The
MP2489
includes
thermal
overload
protection preventing damage in the event of an
output overload.
The MP2489 is available in small QFN6 (3x
3mm), TSOT23-5 and SOIC8E packages.
FEATURES
• Internal 65V MOSFET
• Wide 6V to 60V Input Range
• ≥1A Output Current
• High Efficiency (>95%)
• Hysteresis Control
• PWM & Analog Dimming
• 1000:1 PWM Dimming Resolution
• Thermal Shutdown
• Inherent Open LED Protection
• Short LED Protection
• Available in TSOT23-5, QFN6(3x 3mm) and
SOIC8E Packages
APPLICATIONS
• Low Voltage Halogen Replacement
• Low Voltage General Illumination
• Automotive/Decorative LED Lighting
• Signs/Emergency Lighting
• LED Backlighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VIN
RSENSE
D1
L1
IN
CIN
RS
SW
EN/DIM
GND
MP2489


Similar Part No. - MP2489DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2489DQ MPS-MP2489DQ Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
More results

Similar Description - MP2489DQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
60V Step-Down LED Driver
logo
Monolithic Power System...
MP24892 MPS-MP24892 Datasheet
213Kb / 9P
Step Down White LED Driver with Wide 6V??5V Input Voltage
MP24893 MPS-MP24893 Datasheet
237Kb / 12P
Step Down White LED Driver with Wide 6V-to-36V Input Voltage
MP24894 MPS-MP24894 Datasheet
242Kb / 12P
Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
logo
Linear Integrated Syste...
DC1205A LINEAR-DC1205A Datasheet
297Kb / 24P
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
60V Step-Down LED Driver
logo
Monolithic Power System...
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
Step-down White-LED Driver Wide 6-36V Input Voltage
MPQ2489 MPS-MPQ2489 Datasheet
539Kb / 13P
Step Down White LED Driver with Wide 6V??5V Input Voltage AEC-Q100 Qualified
MP24895A MPS-MP24895A Datasheet
905Kb / 14P
6V - 36V, Step-Down, White LED Driver
logo
ACE Technology Co., LTD...
ACE7360X ACE-ACE7360X Datasheet
194Kb / 3P
Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com