Electronic Components Datasheet Search
  English  ▼

X  

MP2489DQ Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2489DQ
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489DQ Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2489DQ Datasheet HTML 5Page - Monolithic Power Systems MP2489DQ Datasheet HTML 6Page - Monolithic Power Systems MP2489DQ Datasheet HTML 7Page - Monolithic Power Systems MP2489DQ Datasheet HTML 8Page - Monolithic Power Systems MP2489DQ Datasheet HTML 9Page - Monolithic Power Systems MP2489DQ Datasheet HTML 10Page - Monolithic Power Systems MP2489DQ Datasheet HTML 11Page - Monolithic Power Systems MP2489DQ Datasheet HTML 12Page - Monolithic Power Systems MP2489DQ Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
10
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Layout Consideration
Careful attention must be paid to the PCB board
layout and components placement. RSENSE should
be placed close to the IN pin and RS pin in order
to minimize set current error. The input loop
including input capacitor, schottky diode and
internal MOSFET should be as short as possible.
Radiation EMI Test Result
Figure 6 and 7 represents EMI test results for
EV2489.
0
5
10
15
20
25
30
35
40
45
50
55
60
30
50
70 100
200 300
FREQUENCY(MHz)
EN 55022 Electric
Field Strength 3m QP
Preview Measurement MaxPeak
Figure 6—EMI result, Vin=12VAC, Iout=0.24A, 3LEDs, OATS
0
5
10
15
20
25
30
35
40
45
50
55
60
30
50
70 100
200 300
FREQUENCY(MHz)
EN 55022 Electric
Field Strength 3m QP
Preview Measurement MaxPeak
Figure 7—EMI result, Vin=36VAC, Iout=0.35A, 3LEDs, OATS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com