Electronic Components Datasheet Search
  English  ▼

X  

MP2490 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2490
Description  1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2490 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2490 Datasheet HTML 1Page - Monolithic Power Systems MP2490 Datasheet HTML 2Page - Monolithic Power Systems MP2490 Datasheet HTML 3Page - Monolithic Power Systems MP2490 Datasheet HTML 4Page - Monolithic Power Systems MP2490 Datasheet HTML 5Page - Monolithic Power Systems MP2490 Datasheet HTML 6Page - Monolithic Power Systems MP2490 Datasheet HTML 7Page - Monolithic Power Systems MP2490 Datasheet HTML 8Page - Monolithic Power Systems MP2490 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2490 – 1.5A, 36V, 700KHz STEP-DOWN WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2490 Rev. 0.92
www.MonolithicPower.com
4
4/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN10-3
Pin #
SOIC-8 /
PDIP-8
Pin#
Name
Description
1
1
VIN
Supply Voltage. The MP2490 operates from a +4.5V to +36V unregulated
input. CIN is needed to prevent large voltage spikes from appearing at the
input. Put CIN as close to the IC as possible. It is the drain of the internal
power device and power supply for the whole chip.
2
2
GND
Ground. This pin is the voltage reference for the regulated output voltage.
For this reason care must be taken in its layout. This node should be placed
outside of the D1 to CIN ground path to prevent switching current spikes from
inducing voltage noise into the part.
3
EN
On/Off Control Input. (Only available for the MP2490DQ)
4
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the
FB pin sets the output voltage. To prevent current limit run away during a
short circuit fault condition the frequency-fold-back comparator lowers the
oscillator frequency when the FB voltage is below 250mV.
5
4
SS
Connect to an external capacitor used for Soft-Start and compensation for
current limiting loop.
6
5
ISN
Negative Current Sense Input for load current limiting.
7
6
ISP
Positive Current Sense
8
PGOOD
Power good signal. When FB is less than 90% of 0.8V, PGOOD is low. It is
an open-drain output. Use a high value pull-up resistor externally to pull it up
to system power supply.
9
7
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above
the supply voltage. It is connected between SW and BST pins to form a
floating supply across the power switch driver. An on-chip regulator is used
to charge up the external boot-strap capacitor. If the on-chip regulator is not
strong enough, one optional diode can be connected from IN or OUT to
charge the external boot-strap capacitor.
10
8
SW
Switch Output. It is the source of power device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com