Electronic Components Datasheet Search
  English  ▼

X  

MP2490 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2490
Description  1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2490 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2490 Datasheet HTML 1Page - Monolithic Power Systems MP2490 Datasheet HTML 2Page - Monolithic Power Systems MP2490 Datasheet HTML 3Page - Monolithic Power Systems MP2490 Datasheet HTML 4Page - Monolithic Power Systems MP2490 Datasheet HTML 5Page - Monolithic Power Systems MP2490 Datasheet HTML 6Page - Monolithic Power Systems MP2490 Datasheet HTML 7Page - Monolithic Power Systems MP2490 Datasheet HTML 8Page - Monolithic Power Systems MP2490 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2490
1.5A, 36V, 700KHz Step-Down Converter
with Programmable Output Current Limit
MP2490 Rev. 0.92
www.MonolithicPower.com
1
4/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2490 is a monolithic step-down switch
mode converter with a programmable output
current limit. It achieves 1.5A continuous output
current over a wide input supply range with
excellent load and line regulation.
The
maximum
output
current
can
be
programmed by sensing current through the
inductor DC resistance (DCR) or an accurate
sense resistor.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP2490 requires a minimum number of
readily available standard external components.
The MP2490 is available in QFN10 (3mm x 3mm),
8-pin SOIC and PDIP packages.
FEATURES
• Wide 4.5V to 36V Operating Input Range
• Programmable up to 1.5A Output Current
• Output Adjustable from 0.8V to 15V
• Programmable Output Current Limit without
power loss
• 0.25Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• 95% Efficiency @ 500mA (Vo=5V)
• Fixed 700KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Available in QFN10 (3mm x 3mm), 8-Pin
SOIC and PDIP Packages
APPLICATIONS
•
USB Power Supplies
•
Automotive Cigarette Lighter Adapters
•
Power Supply for Linear Chargers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C9
10nF
EN
VIN
4.5V - 36V
VOUT
GND
5V
R5
R8
D1
L1
VIN
BST
ISN
PGOOD
SW
ISP
GND
FB
EN
SS
MP2490
5
3
1
89
6
10
7
2
4
PGOOD
V-PULL-UP
50
60
70
80
90
100
LOAD CURRENT (mA)
Efficiency vs.
Load Current
10
100
1000
10000
VOUT=5V
VIN=8V
VIN=12V
VIN=24V


Similar Part No. - MP2490

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2491CGQB MPS-MP2491CGQB Datasheet
1Mb / 20P
32V, 6A, Step-Down Converter with Programmable Current Limit and Output Voltage Scaling Control
Rev. 1.0
MP2491NGQB MPS-MP2491NGQB Datasheet
731Kb / 9P
32V, 6A, High-Efficiency, Synchronous Step-Down Converter Evaluation Board
9/8/2022 Rev. 1.0
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2492DN MPS-MP2492DN Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2492DQ MPS-MP2492DQ Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
More results

Similar Description - MP2490

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
1.8A, 24V, 700kHz Step-Down Converter
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MPQ2490 MPS-MPQ2490 Datasheet
914Kb / 11P
Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com