Electronic Components Datasheet Search
  English  ▼

X  

MP2494DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2494DS
Description  2A, 55V, 100kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2494DS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2494DS Datasheet HTML 2Page - Monolithic Power Systems MP2494DS Datasheet HTML 3Page - Monolithic Power Systems MP2494DS Datasheet HTML 4Page - Monolithic Power Systems MP2494DS Datasheet HTML 5Page - Monolithic Power Systems MP2494DS Datasheet HTML 6Page - Monolithic Power Systems MP2494DS Datasheet HTML 7Page - Monolithic Power Systems MP2494DS Datasheet HTML 8Page - Monolithic Power Systems MP2494DS Datasheet HTML 9Page - Monolithic Power Systems MP2494DS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP2494 –2A, 55V, 100kHz STEP-DOWN CONVERTER
MP2494 Rev. 1.0
www.MonolithicPower.com
6
4/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1 =220μF, C2 =2.2μF, C3 =39μF, C4 =22μF, L =39μH, TA =25°C, unless otherwise noted.
VIN
10V/div.
VSW
10V/div.
VOUT
5V/div.
VOUT
5V/div.
VOUT
5V/div.
VIN
2V/div.
VSW
10V/div.
IOUT
2A/div.
VOUT
5V/div.
VIN
2V/div.
VSW
10V/div.
IOUT
2A/div.
IOUT
2A/div.
VIN
10V/div.
VEN
5V/div.
IOUT
2A/div.
VOUT
5V/div.
VIN
10V/div.
VEN
5V/div.
IOUT
2A/div.
VOUT
500mV/div.
IOUT
1A/div.
VOUT
2V/div.
Il
5A/div.
VOUT
2V/div.
Il
5A/div.
0
15
20
25
30
35
40
45
50
55
60
30 100 200
600
400
800
1000
5
10
Electric Field Strength 3m QP
FREQUENCY (MHZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com