Electronic Components Datasheet Search
  English  ▼

X  

MP2494DS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2494DS
Description  2A, 55V, 100kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2494DS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2494DS Datasheet HTML 3Page - Monolithic Power Systems MP2494DS Datasheet HTML 4Page - Monolithic Power Systems MP2494DS Datasheet HTML 5Page - Monolithic Power Systems MP2494DS Datasheet HTML 6Page - Monolithic Power Systems MP2494DS Datasheet HTML 7Page - Monolithic Power Systems MP2494DS Datasheet HTML 8Page - Monolithic Power Systems MP2494DS Datasheet HTML 9Page - Monolithic Power Systems MP2494DS Datasheet HTML 10Page - Monolithic Power Systems MP2494DS Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP2494 –2A, 55V, 100kHz STEP-DOWN CONVERTER
MP2494 Rev. 1.0
www.MonolithicPower.com
9
4/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see the schematic on front
page). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Figure 1). Choose
R1 to be around 300kΩ for optimal transient
response. R2 is then given by:
1
V
8
.
0
V
1
R
2
R
OUT −
=
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
300 (1%)
240 (1%)
2.5
300 (1%)
141.1 (1%)
3.3
300 (1%)
96 (1%)
5
300 (1%)
57.1 (1%)
Selecting the Inductor
A 33µH to 47µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
200mΩ. For most designs, the inductance value
can be derived from the following equation.
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
Δ
×
−
×
=
Where ΔIL is the inductor ripple current.
Choose
inductor
current
ripple
to
be
approximately 30% of the maximum load
current, 2A. The maximum inductor peak
current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Under light load conditions below 100mA, larger
inductance is recommended for improved
efficiency.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and also the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent high frequency switching current from
pass to the input. Ceramic capacitors with X5R
or X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 4.7µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps output voltage small
and ensures regulation loop stability. The
output capacitor impedance should be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
PC Board Layout
The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces. The input
capacitor needs to be as close as possible to
the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switching node SW short and away
from the feedback network.
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the system has a 5V
fixed input or the power supply generates a 5V
output. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
This diode is also recommended for high duty
cycle operation (when
OUT
IN
V
V
>65%) and high
output voltage (VOUT>12V) applications.
Figure 2—External Bootstrap Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com