Electronic Components Datasheet Search
  English  ▼

X  

MP2495 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2495
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2495 Datasheet HTML 1Page - Monolithic Power Systems MP2495 Datasheet HTML 2Page - Monolithic Power Systems MP2495 Datasheet HTML 3Page - Monolithic Power Systems MP2495 Datasheet HTML 4Page - Monolithic Power Systems MP2495 Datasheet HTML 5Page - Monolithic Power Systems MP2495 Datasheet HTML 6Page - Monolithic Power Systems MP2495 Datasheet HTML 7Page - Monolithic Power Systems MP2495 Datasheet HTML 8Page - Monolithic Power Systems MP2495 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP2495– INTEGRATED100VLOAD DUMPPROTECTION,2ASTEPDOWNREGULATORWITH OUTPUTCURRENTCONTROL
MP2495 Rev. 1.0
www.MonolithicPower.com
3
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 36V
0.785
0.805
0.825
V
Feedback Bias Current
IBIAS(FB)
VFB = 0.8V
10
nA
PWM Switch On Resistance
RDS(ON)
0.25
Ω
OV Protection Switch On Resistance
VOUT = VCTR
0.3
Ω
Switch Leakage
VEN = 0V, VSW = 0V
0.1
10
μA
Current Limit
(5)
2.2
2.6
3
A
Oscillator Frequency
fSW
VFB = 0.6V
560
700
840
KHz
Fold-Back Frequency
VFB = 0V
200
KHz
Boot-Strap Voltage
VBST - VSW
5
V
Minimum On Time
(5)
tON
VFB = 1V
100
ns
Under Voltage Lockout Threshold Rising
3.0
3.3
3.6
V
Under Voltage Lockout Threshold Hysteresis
200
mV
EN Input Low Voltage
(6)
0.4
V
En Input High Voltage
(6)
1.8
V
EN Input Bias Current
(6)
VEN = 0-6V
–10
–2
10
μA
Supply Current (Shutdown)
VEN = 0V
4
10
μA
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
500
800
μA
Thermal Shutdown
(5)
150
°C
Current Sense Voltage
VISP –VISN VISP, VISN 0.4–15V
90
100
110
mV
Input Bias Current (ISN, ISP)
IBIAS (ISN,ISP) VISP, VISN 0.4–15V
–1
0.1
+1
uA
Note:
5) Guaranteed by design
6) Enable function is only available for the MP2493DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com