Electronic Components Datasheet Search
  English  ▼

X  

MP2495 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2495
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2495 Datasheet HTML 5Page - Monolithic Power Systems MP2495 Datasheet HTML 6Page - Monolithic Power Systems MP2495 Datasheet HTML 7Page - Monolithic Power Systems MP2495 Datasheet HTML 8Page - Monolithic Power Systems MP2495 Datasheet HTML 9Page - Monolithic Power Systems MP2495 Datasheet HTML 10Page - Monolithic Power Systems MP2495 Datasheet HTML 11Page - Monolithic Power Systems MP2495 Datasheet HTML 12Page - Monolithic Power Systems MP2495 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2495– INTEGRATED100VLOAD DUMPPROTECTION,2ASTEPDOWNREGULATORWITH OUTPUTCURRENTCONTROL
MP2495 Rev. 1.0
www.MonolithicPower.com
10
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
VIN
OUT
EN
FB
SS
GND
SW
ISP
ISN
100mV
BST
REGULATOR
OVP
OSCILLATOR
700KHz
DRIVER
CURRENT SENSE
AMPLIFIER
ERROR
AMPLIFIER
CURRENT
LIMIT
COMPARATOR
PWM
COMPARATOR
D
RSEN
63m
M1
REGULATOR
REFERENCE
--
+
--
+
--
+
S
R
R
Q
VDD
CTR
1pF
20pF
R1
SS
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com