Electronic Components Datasheet Search
  English  ▼

X  

MP2497 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2497
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2497 Datasheet HTML 5Page - Monolithic Power Systems MP2497 Datasheet HTML 6Page - Monolithic Power Systems MP2497 Datasheet HTML 7Page - Monolithic Power Systems MP2497 Datasheet HTML 8Page - Monolithic Power Systems MP2497 Datasheet HTML 9Page - Monolithic Power Systems MP2497 Datasheet HTML 10Page - Monolithic Power Systems MP2497 Datasheet HTML 11Page - Monolithic Power Systems MP2497 Datasheet HTML 12Page - Monolithic Power Systems MP2497 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
9
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Line Drop Compensation
Figure 2 shows the block of output line drop
compensation.
If the trace to the load is long, there is a voltage
drop between VOUT and VLOAD. VOUT (voltage at
output terminator) is not equal to VLOAD(voltage
at load). The voltage drop can be described by:
DROP
OUT
TRACE
VI
R
=×
(1)
Where, the RTRACE is the resistance of the
output line. (
TRACE
TRACE1
TRACE2
RR
R
=+
)
Then, the VLOAD is:
LOAD
OUT
OUT
TRACE
VV
I
R
=−
×
(2)
To keep an accurate and constant load voltage,
the output line drop compensation is necessary.
MP2497 offers a compensation method, by
adjusting the FB voltage slightly according to
the load current.
The relation between VOUT and VFB can be
described by:
OUT
FB
OUT
SENSE
FB
VV
I
R
6
V
R1
R2
400k
−×
×
=+
Ω
(3)
Where, VFB is 0.8V.
Then, the VOUT can be calculated by:
OUT
SENSE
OUT
IR
6 R1
R1
V(1
) 0.8V
R2
400k
×× ×
=+
×
+
Ω
(4)
The VLOAD is determined by:
OUT
SENSE
LOAD
OUT
TRACE
IR
6 R1
R1
V(1
) 0.8V
R2
400k
IR
×× ×
=+
×
+
Ω
−×
(5)
To maintain the VLOAD is not variable with load
current. The equation below should be satisfied:
OUT
SENSE
OUT
TRACE
IR
6 R1
IR
400k
×× ×
=×
Ω
(6)
Simplify the formula above, we can get:
TRACE
SENSE
R
400k
R1
6R
×Ω
=
×
(7)
In the formula above, RSENSE is known. And
RTRACE can be tested or evaluated. So, we can
select a proper top feedback resistor R1
according to the RTRACE and RSENSE to
compensate the output line voltage drop.
SW
ISP
ISN
RSENSE
0.8V
FB
Load
VOUT
VLOAD
ERRPR
AMPLIFIER
R1
R2
600mV
X 6
Hiccup
Current Limit
10000kO
10pF
400kO
Internal Block
RTRACE
RTRACE1
RTRACE2
Figure 2—Output Line Drop Compensation
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see the typical application circuit
on the front page). The feedback resistor R1 is
decided by output line drop compensation. R2
is then given by:
1
V
8
.
0
V
1
R
2
R
OUT −
=
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com