Electronic Components Datasheet Search
  English  ▼

X  

MP2497 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2497
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2497 Datasheet HTML 6Page - Monolithic Power Systems MP2497 Datasheet HTML 7Page - Monolithic Power Systems MP2497 Datasheet HTML 8Page - Monolithic Power Systems MP2497 Datasheet HTML 9Page - Monolithic Power Systems MP2497 Datasheet HTML 10Page - Monolithic Power Systems MP2497 Datasheet HTML 11Page - Monolithic Power Systems MP2497 Datasheet HTML 12Page - Monolithic Power Systems MP2497 Datasheet HTML 13Page - Monolithic Power Systems MP2497 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
10
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Selecting the Inductor
A 10µH to 47µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
200mΩ. For most designs, the inductance value
can be derived from the following equation.
OUT
IN
OUT
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
(9)
Where ΔIL is the inductor ripple current.
Choose
inductor
current
ripple
to
be
approximately 30% of the maximum load
current, 3A. The maximum inductor peak
current is:
L
L(MAX)
LOAD
I
II
2
Δ
=+
(10)
Under light load conditions below 100mA, larger
inductance is recommended for improving
efficiency.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and also the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent high frequency switching current from
passing to the input. Ceramic capacitors with
X5R
or
X7R
dielectrics
are
highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 4.7µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps output voltage small
and ensures regulation loop stability. The
output capacitor impedance should be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
Setting the Output OVP Threshold
The output OVP threshold is set by connecting
an external resistor divider (R3, R4 see the
typical application circuit on the front page) at
OVP pin. Choose R3 to be 39kΩ for lower
power dissipation. Then, R4 is given by:
OVP
OVREF
R3
R4
(k )
V
1
V
=
Ω
−
(11)
Where, VOVREF is the OVP reference, 1.23V.
VOVP is over voltage protection threshold.
Setting the Current Limit
The hiccup current limit can be set by the DC
resistance (DCR) of the inductor, as shown in
Figure 3a.
For more accurate sensing, use a more
accurate sense resistor.
In Figure 3a, the output current limit is set as:
OUT _ L
100mV
I
DCR
=
(12)
Where, DCR is the DC resistance of the
inductor winding. Ra and Ca is a low pass filter.
In Figure 3b, the output current limit is set as:
OUT _ L
SENSE
100mV
I
R
=
(13)
SW
ISP
ISN
Ra
RS2
RS1
SW
ISP
ISN
RSENSE
RS2
RS1
(a)
(b)
Ca
Figure 3—Current Sensing Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com