Electronic Components Datasheet Search
  English  ▼

X  

MCP6S92 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP6S92
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S92 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP6S92 Datasheet HTML 23Page - Microchip Technology MCP6S92 Datasheet HTML 24Page - Microchip Technology MCP6S92 Datasheet HTML 25Page - Microchip Technology MCP6S92 Datasheet HTML 26Page - Microchip Technology MCP6S92 Datasheet HTML 27Page - Microchip Technology MCP6S92 Datasheet HTML 28Page - Microchip Technology MCP6S92 Datasheet HTML 29Page - Microchip Technology MCP6S92 Datasheet HTML 30Page - Microchip Technology MCP6S92 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 27
MCP6S91/2/3
6.0
APPLICATIONS INFORMATION
6.1
Changing External Reference
Voltage
Figure 6-1 shows a MCP6S91 with the VREF pin at
2.5V and VDD = 5.0V. This allows the PGA to amplify
signals centered on 2.5V, instead of ground-referenced
signals. The voltage reference MCP1525 is buffered by
a MCP6021, which gives a low output impedance
reference voltage from DC to high frequencies. The
source driving the VREF pin should have an output
impedance less than 0.1
Ω to maintain reasonable gain
accuracy.
FIGURE 6-1:
PGA with Different External
Reference Voltage.
6.2
Capacitive Load and Stability
Large capacitive loads can cause stability problems
and reduced bandwidth for the MCP6S91/2/3 family of
PGAs (Figure 2-26 and Figure 2-28). As the load
capacitance increases, there is a corresponding
increase in frequency response peaking and step
response
overshoot
and
ringing.
This
happens
because a large load capacitance decreases the
internal amplifier’s phase margin and bandwidth.
When driving large capacitive loads with these PGAs
(i.e., > 60 pF), a small series resistor at the output
(RISO in Figure 6-2) improves the internal amplifier’s
stability by making the load resistive at higher
frequencies. The bandwidth will be generally lower
than the bandwidth with no capacitive load.
FIGURE 6-2:
PGA Circuit for Large
Capacitive Loads.
Figure 6-3 gives recommended RISO values for
different capacitive loads. After selecting RISO for your
circuit, double-check the resulting frequency response
peaking and step response overshoot on the bench.
Modify RISO’s value until the response is reasonable at
all gains.
FIGURE 6-3:
Recommended RISO.
6.3
Layout Considerations
Good PC board layout techniques will help achieve the
performance shown in the Electrical Characteristics
and Typical Performance Curves. It will also help
minimize Electromagnetic Compatibility (EMC) issues.
6.3.1
COMPONENT PLACEMENT
Separate different circuit functions: digital from analog,
low-speed from high-speed, and low-power from high-
power. This will reduce crosstalk.
Keep sensitive traces short and straight. Separate
them from interfering components and traces. This is
especially important for high-frequency (low rise time)
signals.
VDD
VDD
VDD
VREF
VIN
VOUT
MCP1525
MCP6021
1µF
MCP6S91
2.5V
REF
VIN
VOUT
MCP6S9X
RISO
CL
10
100
1,000
10
100
1,000
10,000
L
oad Capacitance (F)
10
p
100
p
1
n
10
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com