Electronic Components Datasheet Search
  English  ▼

X  

MP2498 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2498
Description  Integrated 100V Load Dump Protection, 2A Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2498 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2498 Datasheet HTML 1Page - Monolithic Power Systems MP2498 Datasheet HTML 2Page - Monolithic Power Systems MP2498 Datasheet HTML 3Page - Monolithic Power Systems MP2498 Datasheet HTML 4Page - Monolithic Power Systems MP2498 Datasheet HTML 5Page - Monolithic Power Systems MP2498 Datasheet HTML 6Page - Monolithic Power Systems MP2498 Datasheet HTML 7Page - Monolithic Power Systems MP2498 Datasheet HTML 8Page - Monolithic Power Systems MP2498 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2498 –INTEGRATED 100V LOAD DUMP PROTECTION, 2A STEP-DOWN REGULATOR
MP2498 Rev. 1.0
www.MonolithicPower.com
4
8/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN
Pin #
Name
Description
1
AGND
Analog Ground, connect to COMP, FREQ, FB, and EN circuits ground.
3
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to set
the switching frequency.
4
GND,
Exposed pad
Ground. It should be connected as close as possible to the output capacitor avoiding
the high current switch paths. Connect exposed pad to GND plane for optimal thermal
performance.
7, 8
VDD
Input Supply of Buck regulator. This supplies power to all the internal control circuitry,
both BS regulators and the high-side switch. A decoupling capacitor to ground must
be placed close to this pin to minimize switching spikes.
10
CTR
Tie a Zener diode from CTR to ground. The zener voltage should equal to normal VDD
voltage.
18
IN
Exposed Pad
Connect input power supply, which may have surge voltage to IN pin. Also connect
exposed pad to VIN plane for optimal thermal performance.
20
BST
Bootstrap. This is the positive power supply for the internal floating high-side
MOSFET driver. Connect a bypass capacitor between this pin and SW pin.
21, 22
SW
Switch Node. This is the output from the high-side switch. A low VF Schottky rectifier
to ground is required. The rectifier must be close to the SW pins to reduce switching
spikes.
26
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down.
Pulling it up above the specified threshold or leaving it floating enables the chip.
27
COMP
Compensation. This node is the output of the GM error amplifier. Control loop
frequency compensation is applied to this pin.
28
FB
Feedback. This is the input to the error amplifier. An external resistive divider
connected between the output and GND is compared to the internal +0.8V reference
to set the regulation voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com