Electronic Components Datasheet Search
  English  ▼

X  

MP2498 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2498
Description  Integrated 100V Load Dump Protection, 2A Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2498 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2498 Datasheet HTML 1Page - Monolithic Power Systems MP2498 Datasheet HTML 2Page - Monolithic Power Systems MP2498 Datasheet HTML 3Page - Monolithic Power Systems MP2498 Datasheet HTML 4Page - Monolithic Power Systems MP2498 Datasheet HTML 5Page - Monolithic Power Systems MP2498 Datasheet HTML 6Page - Monolithic Power Systems MP2498 Datasheet HTML 7Page - Monolithic Power Systems MP2498 Datasheet HTML 8Page - Monolithic Power Systems MP2498 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2498
Integrated 100V Load Dump Protection,
2A Step-Down Regulator
MP2498 Rev. 1.0
www.MonolithicPower.com
1
8/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2498 is a high frequency monolithic
step-down
switch
mode
converter
with
integrated buck internal high side high voltage
power MOSFET and an integrated input
overvoltage protection. It provides 2A output
with current mode control for fast loop response
and easy compensation.
The wide 6.5V to 30V input range of the buck
regulator accommodates a variety of step-down
applications, including those in automotive input
environment.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown.
The
MP2498
can
survive
high-voltage
transients such as those found in automotive
and industrial applications.
The MP2498 requires a minimum number of
readily available standard external components.
The MP2498 is available in a 28-pin QFN
package.
FEATURES
• 100V Switch for load dump protection
• Eliminate External Transorb and Fuse
• 250mΩ Internal MOSFET in Buck Regulator
• 150kHz to 2MHz Programmable Switching
Frequency to Reduce Radio Interference
• 120μA Quiescent Current
• Ceramic Capacitor Stable
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 15V
• Available in a 4x5mm 28-Pin QFN Package
APPLICATIONS
• Automotive Electronics
• Industrial Power Systems
• Distributed Power Systems
• Power Supply for Linear Charger
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2498

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490CP MPS-MP2490CP Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490DQ MPS-MP2490DQ Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490DS MPS-MP2490DS Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2491CGQB MPS-MP2491CGQB Datasheet
1Mb / 20P
32V, 6A, Step-Down Converter with Programmable Current Limit and Output Voltage Scaling Control
Rev. 1.0
More results

Similar Description - MP2498

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
2A STEP-DOWN PWM REGULATOR
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Monolithic Power System...
MP2495 MPS-MP2495 Datasheet
489Kb / 13P
Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
MP2499 MPS-MP2499 Datasheet
1,002Kb / 12P
Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com