Electronic Components Datasheet Search
  English  ▼

X  

24AA64 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA64
Description  64K I2C??Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64 Datasheet(HTML) 1 Page - Microchip Technology

  24AA64 Datasheet HTML 1Page - Microchip Technology 24AA64 Datasheet HTML 2Page - Microchip Technology 24AA64 Datasheet HTML 3Page - Microchip Technology 24AA64 Datasheet HTML 4Page - Microchip Technology 24AA64 Datasheet HTML 5Page - Microchip Technology 24AA64 Datasheet HTML 6Page - Microchip Technology 24AA64 Datasheet HTML 7Page - Microchip Technology 24AA64 Datasheet HTML 8Page - Microchip Technology 24AA64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2003 Microchip Technology Inc.
DS21189H-page 1
24AA64/24LC64
Device Selection Table
Features
• Single supply with operation down to 1.8V
• Low-power CMOS technology
- 1 mA active current typical
-1
µA standby current (max.) (I-temp)
• Organized as 8 blocks of 8K bit (64K bit)
• 2-wire serial interface bus, I2C™ compatible
• Cascadable for up to eight devices
• Schmitt Trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (24AA64) and 400 kHz (24LC64)
compatibility
• Self-timed write cycle (including auto-erase)
• Page write buffer for up to 32 bytes
• 2 ms typical write cycle time for page write
• Hardware write-protect for entire memory
• Can be operated as a serial ROM
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1,000,000 erase/write cycles
• Data retention > 200 years
• 8-lead PDIP, SOIC, TSSOP and MSOP packages
• Standard and Pb-free finishes available
• Available temperature ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description
The
Microchip
Technology
Inc.
24AA64/24LC64
(24XX64*) is a 64 Kbit Electrically Erasable PROM.
The device is organized as eight blocks of 1K x 8-bit
memory with a 2-wire serial interface. Low-voltage
design permits operation down to 1.8V, with standby
and
active
currents
of
only
1
µA and 1 mA,
respectively. It has been developed for advanced, low-
power applications such as personal communications
or data acquisition. The 24XX64 also has a page write
capability for up to 32 bytes of data. Functional address
lines allow up to eight devices on the same bus, for up
to 512 Kbits address space. The 24XX64 is available in
the standard 8-pin PDIP, surface mount SOIC, TSSOP
and MSOP packages.
Package Types
Block Diagram
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
24AA64
1.8-5.5
400 kHz(1)
I
24LC64
2.5-5.5
400 kHz
I, E
Note 1: 100 kHz for VCC <2.5V
A0
A1
A2
Vss
1
2
3
4
8
7
6
5
Vcc
WP
SCL
SDA
PDIP/SOIC/TSSOP
WP
Vcc
A0
A1
SCL
SDA
Vss
A2
1
2
3
4
8
7
6
5
(24AA64X/24LC64X)
ROTATED TSSOP
/MSOP
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
64K I2C™ Serial EEPROM
* 24XX64 is used in this document as a generic part number for the 24AA64/24LC64 devices.


Similar Part No. - 24AA64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64 MICROCHIP-24AA64 Datasheet
215Kb / 12P
64K I 2 C ??CMOS Serial EEPROM
2007
24AA64 MICROCHIP-24AA64 Datasheet
572Kb / 24P
64K I2C??Serial EEPROM
2002
24AA64 MICROCHIP-24AA64 Datasheet
433Kb / 28P
64K I2C??Serial EEPROM
2007
24AA64 MICROCHIP-24AA64 Datasheet
746Kb / 36P
64K I2C??Serial EEPROM
2009
24AA64 MICROCHIP-24AA64 Datasheet
885Kb / 40P
64K I2C??Serial EEPROM
2010
More results

Similar Description - 24AA64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_02 Datasheet
572Kb / 24P
64K I2C??Serial EEPROM
2002
24AA64 MICROCHIP-24AA64_07 Datasheet
433Kb / 28P
64K I2C??Serial EEPROM
2007
24AA64 MICROCHIP-24AA64_09 Datasheet
746Kb / 36P
64K I2C??Serial EEPROM
2009
24FC64 MICROCHIP-24FC64 Datasheet
885Kb / 40P
64K I2C??Serial EEPROM
2010
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
1997-2012
24LC64-I-SN MICROCHIP-24LC64-I-SN Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
1997-2012
24AA64 MICROCHIP-24AA64_12 Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
11/29/12
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
64K I2C Serial EEPROM
12/08/06
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com