Electronic Components Datasheet Search
  English  ▼

X  

24AA64 Datasheet(PDF) 12 Page - Microchip Technology

Part # 24AA64
Description  64K I2C??Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24AA64 Datasheet HTML 8Page - Microchip Technology 24AA64 Datasheet HTML 9Page - Microchip Technology 24AA64 Datasheet HTML 10Page - Microchip Technology 24AA64 Datasheet HTML 11Page - Microchip Technology 24AA64 Datasheet HTML 12Page - Microchip Technology 24AA64 Datasheet HTML 13Page - Microchip Technology 24AA64 Datasheet HTML 14Page - Microchip Technology 24AA64 Datasheet HTML 15Page - Microchip Technology 24AA64 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
24AA64/24LC64
DS21189H-page 12
 2003 Microchip Technology Inc.
7.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 7-1.
TABLE 7-1:
PIN FUNCTION TABLE
7.1
A0, A1, A2 Chip Address Inputs
The A0, A1 and A2 inputs are used by the 24XX64 for
multiple device operation. The levels on these inputs
are compared with the corresponding bits in the slave
address. The chip is selected if the compare is true.
Up to eight devices may be connected to the same bus
by using different Chip Select bit combinations. These
inputs must be connected to either VCC or VSS.
7.2
Serial Data (SDA)
SDA is a bidirectional pin used to transfer addresses
and data into and out of the device. Since it is an open-
drain terminal, the SDA bus requires a pull-up resistor
to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for 400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
7.3
Serial Clock (SCL)
The SCL input is used to synchronize the data transfer
from and to the device.
7.4
Write-Protect (WP)
WP can be connected to either VSS, VCC or left floating.
An internal pull-down resistor on this pin will keep the
device in the unprotected state if left floating. If tied to
VSS, or left floating, normal memory operation is
enabled (read/write the entire memory 0000-1FFF).
If tied to VCC, write operations are inhibited. Read
operations are not affected.
Name
PDIP
SOIC
TSSOP
MSOP
ROTATED
TSSOP
Description
A0
1
1
1
1
3
Chip Address Input
A1
2
2
2
2
4
Chip Address Input
A2
3
3
3
3
5
Chip Address Input
VSS
44
4
4
6
Ground
SDA
5
5
5
5
7
Serial Address/Data I/O
SCL
6
6
6
6
8
Serial Clock
WP
7
7
7
7
1
Write-Protect Input
VCC
8
8
8
8
2
+1.8V to 5.5V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com