Electronic Components Datasheet Search
  English  ▼

X  

MP2617 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2617
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2617 Datasheet HTML 1Page - Monolithic Power Systems MP2617 Datasheet HTML 2Page - Monolithic Power Systems MP2617 Datasheet HTML 3Page - Monolithic Power Systems MP2617 Datasheet HTML 4Page - Monolithic Power Systems MP2617 Datasheet HTML 5Page - Monolithic Power Systems MP2617 Datasheet HTML 6Page - Monolithic Power Systems MP2617 Datasheet HTML 7Page - Monolithic Power Systems MP2617 Datasheet HTML 8Page - Monolithic Power Systems MP2617 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
MP2617 – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2617 Rev. 1.03
www.MonolithicPower.com
5
8/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
BATT to SYS Resistance
VIN=0V, ISYS=200mA,
VBATT=4.2V
0.04
0.05
Ω
VSYS>VBATT–800mV
2.6
3.3
4
A
BATT to SYS Current Limit
SYS short
200
mA
Battery Charger
VBATT>VRECH, ICHG≤IBF,
SYSFB float
4.168
4.2
4.232
V
Terminal Battery Voltage
VBATT
VSYS<4.2V Programmed
by SYSFB Pin
VSYS-
0.04 x IBF
V
SYSFB Float
3.9
4.0
4.1
V
Recharge Threshold at VBATT
VRECH
SYSFB programmed
3.85
3.95
4.05
V
Recharge Hysteresis
85
mV
Trickle Charge Threshold
2.9
3
3.1
V
Trickle Charger Hysteresis
200
mV
Trickle Charge Current
ITRICKLE
10%
ICC
Termination Charger Current
IBF
5%
10%
15%
ICC
IBF Maximum Limit
150
200
mA
RISET=760
2.475
2.75
3.025
A
RISET=1.53k
1.26
1.4
1.54
A
Constant Current Mode Charge
Current
ICC
RISET=4.6k
0.405
0.450
0.495
A
ISET Reference Voltage
1.1
1.15
1.2
V
Rising
2.4
2.6
2.8
V
Battery UVLO
Falling
2.2
2.4
2.6
V
Idea Diode Regulation Voltage
VSYS
Supplement Mode
VBATT-
65mV
mV
BATT Leakage Current
IBATT
VBATT=4.2V, SYS float,
VIN=PGND
20
30
µA
ACOK
__________
, CHGOK
_____________
ACOK
__________
, CHGOK
_____________
Pin Output Low
Voltage
Sinking 5mA
270
350
mV
ACOK
__________
,CHGOK
_____________
Pin Leakage Current
Connected to 3.3V
0.1
0.5
uA
Timer
Trickle Charge Time
CTMR=0.1µF, ICHG=1A
45
Min
Total Charge Time
CTMR=0.1µF, ICHG=1A
6.5
Hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com