Electronic Components Datasheet Search
  English  ▼

X  

MP2617 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2617
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2617 Datasheet HTML 2Page - Monolithic Power Systems MP2617 Datasheet HTML 3Page - Monolithic Power Systems MP2617 Datasheet HTML 4Page - Monolithic Power Systems MP2617 Datasheet HTML 5Page - Monolithic Power Systems MP2617 Datasheet HTML 6Page - Monolithic Power Systems MP2617 Datasheet HTML 7Page - Monolithic Power Systems MP2617 Datasheet HTML 8Page - Monolithic Power Systems MP2617 Datasheet HTML 9Page - Monolithic Power Systems MP2617 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
MP2617 – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2617 Rev. 1.03
www.MonolithicPower.com
6
8/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Negative Temperature Coefficient (NTC) Control
NTC Low Temp Rising Threshold
VTHL
RNTC=NCP18XH103F
0°C
63
65
67
%VCC
Hysteresis on Low Temp
Threshold
35
mV
NTC High Temp Falling
Threshold
VTHH
RNTC=NCP18XH103F,
50°C
32
33.5
35
%VCC
Hysteresis on High Temp
Threshold
70
mV
VCC Supply
Rising
3.15
3.35
3.55
V
VCC UVLO
Falling
2.8
3
3.2
V
VCC Output Voltage
0mA<IVCC<25mA,
VIN=6V
4.3
4.5
4.6
V
VCC Short Circuit Current Limit
40
mA
Logic
EN
Input Low Voltage
0.4
V
EN
Input High Voltage
1.5
V
EN
=4V
4
8
EN
Input Current
EN
=0V
-0.5
-0.1
μA
Logic High
1.5
V
M0, M1
Logic Low
0.4
V
Protection
Thermal Limit Temperature
120
°C
Thermal Shutdown
150
°C
Notes:
5) Using a inductor with the saturation current larger than 6A when applying the part with higher than 12V input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com