Electronic Components Datasheet Search
  English  ▼

X  

MP2623 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2623
Description  Stand-Alone, 2A, 1- or2-Cell Switching LiFePO4 Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2623 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2623 Datasheet HTML 1Page - Monolithic Power Systems MP2623 Datasheet HTML 2Page - Monolithic Power Systems MP2623 Datasheet HTML 3Page - Monolithic Power Systems MP2623 Datasheet HTML 4Page - Monolithic Power Systems MP2623 Datasheet HTML 5Page - Monolithic Power Systems MP2623 Datasheet HTML 6Page - Monolithic Power Systems MP2623 Datasheet HTML 7Page - Monolithic Power Systems MP2623 Datasheet HTML 8Page - Monolithic Power Systems MP2623 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP2623 – 2A, 24V INPUT, 1.1MHz 1- OR 2-CELL SWITCHING LIFEPO4 BATTERY CHARGER
MP2623 Rev. 1.0
www.MonolithicPower.com
5
3/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VCC
IC Supply Voltage.
2
NTC
Thermistor Input. Connect a resistor from this pin to VREF33, and the thermistor from this
pin to ground.
3
ACOK
Valid Input Supply Indicator. Open drain output. Add a pull-up resistor. Logic LOW indicates
the presence of a valid input supply.
4
CHGOK
Charging Status Indicator. Open drain output. Add a pull-up resistor. Logic LOW indicates
normal charging. Logic HIGH indicates either a completed charge process or a fault-
suspended process.
5
VREF33
Internal Linear Regulator, 3.3V Reference Output. Bypass to GND with a 1μF ceramic
capacitor.
6
EN
On/Off Control Input.
7
CELLS
Command Input. Indicates the number of LiFePO4 battery cells. Connect to VREF33 or float
for 2-cell operation. Ground for 1-cell operation.
8
COMPV
V-LOOP Compensation. Decouple this pin with a capacitor and a resistor.
9
COMPI
I-LOOP Compensation. Decouple this pin with a capacitor and a resistor.
10
BATT
Positive Battery Terminal.
11
CSP
Battery-Charge Current-Sense–Positive Input. Connect a resistor RS1 between CSP and
BATT. The full charge current is:


mΩ
RS1
200mV
A
I
CHG
.
12
GND
Ground. Voltage reference for the regulated output voltage. Place this node outside of the
path of the switching diode (D2) to the input ground to prevent switching current spikes from
inducing voltage noise.
13
TMR
Set-Safe–Time Period. A 0.1µA current charges and discharges the external capacitor
decoupled to GND. The capacitor value programs the time period.
14
BST
Bootstrap. Requires a charged capacitor to drive the power switch’s gate above the supply
voltage. Connect a capacitor between SW and BST pins to form a floating supply across the
power switch driver.
15
SW
Switch Output.
16
VIN
Regulator Input Voltage. The MP2623 regulates a 5V-to-24V input to a voltage suitable for
charging either a 1- or 2-cell LiFePO4 battery. Requires capacitors to prevent large voltage
spikes from appearing at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com