Electronic Components Datasheet Search
  English  ▼

X  

MP2623 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2623
Description  Stand-Alone, 2A, 1- or2-Cell Switching LiFePO4 Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2623 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2623 Datasheet HTML 3Page - Monolithic Power Systems MP2623 Datasheet HTML 4Page - Monolithic Power Systems MP2623 Datasheet HTML 5Page - Monolithic Power Systems MP2623 Datasheet HTML 6Page - Monolithic Power Systems MP2623 Datasheet HTML 7Page - Monolithic Power Systems MP2623 Datasheet HTML 8Page - Monolithic Power Systems MP2623 Datasheet HTML 9Page - Monolithic Power Systems MP2623 Datasheet HTML 10Page - Monolithic Power Systems MP2623 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP2623 – 2A, 24V INPUT, 1.1MHz 1- OR 2-CELL SWITCHING LIFEPO4 BATTERY CHARGER
MP2623 Rev. 1.0
www.MonolithicPower.com
7
3/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V/ 9V, C1=4.7μF, C2=22μF, L=4.7μH, RS1=100mΩ, Real/Simulation Battery Load, TA=25°C,
unless otherwise noted.
TEMPERATURE (oC)
TEMPERATURE (oC)
TEMPERATURE (oC)
TEMPERATURE (oC)
1 Cell
BATT Float Voltage vs. VIN
1 Cell
BATT Charge Full Voltage
vs. Temperature
2 Cells
BATT Charge Full Voltage
vs. Temperature
RDS_ON vs. Temperature
3.0
3.1
3.2
3.3
3.4
3.5
-40 -20
0
20406080
Constant Current Charge
vs. Temperature
VREF33 vs. Temperature
VIN=19V
VIN=19V
VIN=19V
450
460
470
480
490
500
-40 -20
0
20
40
60
80
1 Cell ICHG=500mA
3.45
3.5
3.55
3.6
3.65
10
15
20
25
30
3.45
3.5
3.55
3.6
3.65
-40
-20
0
2040
6080
6.8
6.9
7
7.1
7.2
7.3
-40
-20
0
20
40
60
80
0.1
0.15
0.2
0.25
0.3
0.35
-40
-20
0
20
40
60
80
TEMPERATURE(oC)
INPUT VOLTAGE(V)
05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com