Electronic Components Datasheet Search
  English  ▼

X  

MP2635 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2635
Description  2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2635 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2635 Datasheet HTML 1Page - Monolithic Power Systems MP2635 Datasheet HTML 2Page - Monolithic Power Systems MP2635 Datasheet HTML 3Page - Monolithic Power Systems MP2635 Datasheet HTML 4Page - Monolithic Power Systems MP2635 Datasheet HTML 5Page - Monolithic Power Systems MP2635 Datasheet HTML 6Page - Monolithic Power Systems MP2635 Datasheet HTML 7Page - Monolithic Power Systems MP2635 Datasheet HTML 8Page - Monolithic Power Systems MP2635 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
MP2635
2A Single Cell Switch Mode Battery Charger
with Power Path Management and Boost OTG
MP2635 Rev. 1.05
www.MonolithicPower.com
1
6/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2635 is a highly-integrated, flexible,
switch-mode battery charge management and
system power path management device for a
single-cell Li-ion and Li-Polymer battery used in
a wide range of portable applications.
The MP2635 has two operating modes—charge
mode and boost mode—to allow management
of system and battery power based on the state
of the input.
When input power is present, the device
operates in charge mode. It automatically
detects the battery voltage and charges the
battery in the three phases: trickle current,
constant current and constant voltage. Other
features include charge termination and auto-
recharge. This device also integrates both input
current limit and input voltage regulation in
order to manage input power and meet the
priority of the system power demand.
In the absence of an input source, the MP2635
switches to boost mode through the MODE pin
to power the SYS pins from the battery. The
OLIM pin programs the output current limit in
boost mode. The MP2635 also allows an output
short-circuit thanks to an output disconnect
feature, and can auto-recover when the short
circuit fault is removed.
The MP2635 provides full operating status
indication to distinguish charge mode from
boost mode.
The
MP2635
achieves
low
EMI/EMC
performance
with
well-controlled
switching
edges.
To guarantee safe operation, the MP2635 limits
the die temperature to a preset value 120oC.
Other safety features include input over-voltage
protection,
battery
over-voltage
protection,
thermal
shutdown,
battery
temperature
monitoring, and a programmable timer to
prevent prolonged charging of a dead battery.
FEATURES
• 4.5V-to-6V Operating Input Voltage Range
• Power Management Function Integrated
Input-Current
Limit
and
Input-Voltage
Regulation
• Up to 2A Programmable Charge Current
• Trickle-Charge Function
• Selectable 3.6V/ 4.2V Charge Voltage with
0.5% Accuracy
• Negative Temperature Coefficient Pin for
Battery Temperature Monitoring
• Programmable Timer Back-Up Protection
• Thermal Regulation and Thermal Shutdown
• Internal Battery Reverse Leakage Blocking
• Reverse Boost Operation Mode for System
Power
• Up to 91% 5V Boost Mode Efficiency @ 1A
• Programmable Output Current Limit for
Boost Mode
• Integrated Short Circuit Protection for Boost
Mode
APPLICATIONS
• Sub-Battery Applications
• Power-Bank Applications for Smart-Phone
Tablet and Other Portable Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2635

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2635A MPS-MP2635A Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635AGR MPS-MP2635AGR Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
More results

Similar Description - MP2635

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
logo
Monolithic Power System...
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2633 MPS-MP2633 Datasheet
928Kb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24188 TI-BQ24188_15 Datasheet
4Mb / 52P
bq24188 2A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management and USB-OTG Support
logo
Monolithic Power System...
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635A MPS-MP2635A Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2636 MPS-MP2636 Datasheet
2Mb / 40P
3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
MP2637 MPS-MP2637 Datasheet
1Mb / 36P
2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com