Electronic Components Datasheet Search
  English  ▼

X  

MP2635 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2635
Description  2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2635 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2635 Datasheet HTML 8Page - Monolithic Power Systems MP2635 Datasheet HTML 9Page - Monolithic Power Systems MP2635 Datasheet HTML 10Page - Monolithic Power Systems MP2635 Datasheet HTML 11Page - Monolithic Power Systems MP2635 Datasheet HTML 12Page - Monolithic Power Systems MP2635 Datasheet HTML 13Page - Monolithic Power Systems MP2635 Datasheet HTML 14Page - Monolithic Power Systems MP2635 Datasheet HTML 15Page - Monolithic Power Systems MP2635 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
MP2635 – 2A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2635 Rev. 1.05
www.MonolithicPower.com
12
6/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FREQ
Connect to GND to program the operating frequency to 600kHz. Leave floating or connect to
HIGH to program the operating frequency to 1.2MHz.
2
VIN
Adapter Input. Place a bypass capacitor close to this pin to prevent large input voltage spikes.
3
VCC
Internal Circuit Power Supply. Bypass to GND with a 100nF ceramic capacitor. This pin
CANNOT carry any load.
4
ILIM
Input Current Set. Connect to GND with an external resistor to program input current limit in
charge mode.
5
PWIN
AC Input Detect. Detect the presence of valid input power.
6
TMR
Oscillator Period Timer. Connect a timing capacitor between this pin and GND to set the
oscillator period. Short to GND to disable the Timer function.
7
REG
Input Voltage Feedback for input voltage regulation loop. Connect to tap of an external resistor
divider from VIN to GND to program the input voltage regulation. Once the voltage at REG pin
drops to the inner threshold, the charge current is reduced to maintain the input voltage at the
regulation value.
8
ACOK
----------------
Valid Input Supply Indicator. Logic LOW on this pin indicates the presence of a valid power
supply.
9
FB
System voltage feedback input.
10
NTC
Negative Temperature Coefficient (NTC) Thermistor.
11
ISET
Charge Current Set. Connect an external resistor to GND to program the charge current.
12
OLIM
Programmable Output-Current Limit for boost mode. Connect an external resistor to GND to
program the system current in boost mode.
13
AGND Analog Ground
14
VB
Programmable Battery-Full Voltage. Connect to GND for 3.6V. Leave floating or connect to
logic HIGH for 4.2V
15
BATT
Positive Battery Terminal / Battery Charge Current Sense Negative Input.
16
CSP
Battery Charge Current Sense Positive Input.
17
BOOST
-------------------
Boost Mode indicator. Logic LOW indicates boost mode in operation. The pin becomes an
open drain when the part operates in charge mode or sleep mode.
18
CHG
------------
Charge Completion Indicator. Logic LOW indicates charge mode. The pin becomes an open
drain once the charging has completed or is suspended.
19
PGND,
Exposed
Pad
Power Ground. Connect the exposed pad and GND pin to the same ground plane.
20
SW
Switch Output Node.
21, 22
SYS
System Output. Please make sure the enough bulk capacitors from SYS to GND. Suggest
4.7μF at least.
23
MODE Mode Select. Logic HIGH→boost mode. Logic LOW→sleep mode. Active only when ACOK
__________
is
HIGH (input power is not available).
24
EN
Charge Control Input. Logic HIGH enables charging. Logic LOW disables charging. Active only
when ACOK
__________
is low (input power is OK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com