Electronic Components Datasheet Search
  English  ▼

X  

STL6N3LLH6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL6N3LLH6
Description  N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL6N3LLH6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL6N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL6N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL6N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL6N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL6N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL6N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL6N3LLH6 Datasheet HTML 9Page - STMicroelectronics STL6N3LLH6 Datasheet HTML 10Page - STMicroelectronics STL6N3LLH6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STL6N3LLH6
Electrical characteristics
Doc ID 023231 Rev 2
7/14
Figure 8.
Capacitance variations
Figure 9.
Normalized on-resistance vs
temperature
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized BVDSS vs temperature
Figure 12.
Source-drain diode forward
characteristics
C
100
1
0
10
VDS(V)
(pF)
20
Ciss
Coss
Crss
10
f= 1 MHz
AM15370v1
RDS(on)
1.2
1
0.4
00
-55
-5
TJ(°C)
(norm)
-30
70
20
45
95
0.2
0.6
0.8
1.4
1.6
120
ID= 3.5 A
VGS= 10 V
145
1.8
AM15360v1
VGS(th)
0.6
0.4
0.2
0
-55
-5
TJ(°C)
(norm)
-30
0.8
70
20 45
95 120
ID =250 µA
145
1
1.2
AM15368v1
VDS
-55
-5
TJ(°C)
(norm)
-30
70
20 45
95
0.8
0.85
0.9
0.95
1
1.1
1.15
1.05
ID = 1mA
120
AM15364v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.2
0.3
0.4
0.5
0.6
0.7
TJ=-55°C
TJ=150°C
TJ=25°C
0.8
0.9
1
AM15365v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com