Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 238 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 238 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 234Page - Microchip Technology PIC16 Datasheet HTML 235Page - Microchip Technology PIC16 Datasheet HTML 236Page - Microchip Technology PIC16 Datasheet HTML 237Page - Microchip Technology PIC16 Datasheet HTML 238Page - Microchip Technology PIC16 Datasheet HTML 239Page - Microchip Technology PIC16 Datasheet HTML 240Page - Microchip Technology PIC16 Datasheet HTML 241Page - Microchip Technology PIC16 Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 238
 2011-2013 Microchip Technology Inc.
FIGURE 22-2:
EUSART RECEIVE BLOCK DIAGRAM
The operation of the EUSART module is controlled
through three registers:
• Transmit Status and Control (TXSTA)
• Receive Status and Control (RCSTA)
• Baud Rate Control (BAUDCON)
These
registers
are
detailed
in
Register 22-1,
Register 22-2 and Register 22-3, respectively.
When the receiver or transmitter section is not enabled
then the corresponding RX or TX pin may be used for
general purpose input and output.
÷n
Multiplier
x4
SYNC
BRGH
BRG16
x16
x64
1
1
1
1
1
x
x
x0
0
0
0
0
0
0
n
+1
SPBRGH SPBRGL
Baud Rate Generator
FOSC
BRG16
SPEN
CREN
OERR
RCIDL
Pin Buffer
and Control
Data
Recovery
RX/DT pin
Stop
(8)
7
Start
0
1
MSb
LSb
RSR Register
RX9
FERR
RX9D
RCREG Register
FIFO
8
Data Bus
RCIE
RCIF
Interrupt
Rev. 10-000114A
7/30/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com