Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 347 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 347 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 343Page - Microchip Technology PIC16 Datasheet HTML 344Page - Microchip Technology PIC16 Datasheet HTML 345Page - Microchip Technology PIC16 Datasheet HTML 346Page - Microchip Technology PIC16 Datasheet HTML 347Page - Microchip Technology PIC16 Datasheet HTML 348Page - Microchip Technology PIC16 Datasheet HTML 349Page - Microchip Technology PIC16 Datasheet HTML 350Page - Microchip Technology PIC16 Datasheet HTML 351Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 347
PIC16(L)F1508/9
TABLE 29-15: COMPARATOR SPECIFICATIONS(1)
TABLE 29-16: DIGITAL-TO-ANALOG CONVERTER (DAC) SPECIFICATIONS(1)
Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param.
No.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
CM01
VIOFF
Input Offset Voltage
—
±7.5
±60
mV
CxSP = 1,
VICM = VDD/2
CM02
VICM
Input Common Mode Voltage
0
—
VDD
V
CM03
CMRR
Common Mode Rejection Ration
—
50
—
dB
CM04A
TRESP(2)
Response Time Rising Edge
—
400
800
ns
CxSP = 1
CM04B
Response Time Falling Edge
—
200
400
ns
CxSP = 1
CM04C
Response Time Rising Edge
—
1200
—
ns
CxSP = 0
CM04D
Response Time Falling Edge
—
550
—
ns
CxSP = 0
CM05*
TMC2OV
Comparator Mode Change to
Output Valid
——
10
s
CM06
CHYSTER Comparator Hysteresis
—
25
—
mV
CxHYS = 1,
CxSP = 1
* These parameters are characterized but not tested.
Note 1: See Section 30.0 “DC and AC Characteristics Graphs and Charts” for operating characterization.
2: Response time measured with one comparator input at VDD/2, while the other input transitions from VSS to
VDD.
Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param.
No.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
DAC01*
CLSB
Step Size
—
VDD/32
—
V
DAC02*
CACC
Absolute Accuracy
—
—
 1/2
LSb
DAC03*
CR
Unit Resistor Value (R)
—
5K
—
DAC04*
CST
Settling Time(2)
——
10
s
*
These parameters are characterized but not tested.
Note 1:
See Section 30.0 “DC and AC Characteristics Graphs and Charts” for operating characterization.
2:
Settling time measured while DACR<4:0> transitions from ‘0000’ to ‘1111’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com