Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 348 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 348 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 344Page - Microchip Technology PIC16 Datasheet HTML 345Page - Microchip Technology PIC16 Datasheet HTML 346Page - Microchip Technology PIC16 Datasheet HTML 347Page - Microchip Technology PIC16 Datasheet HTML 348Page - Microchip Technology PIC16 Datasheet HTML 349Page - Microchip Technology PIC16 Datasheet HTML 350Page - Microchip Technology PIC16 Datasheet HTML 351Page - Microchip Technology PIC16 Datasheet HTML 352Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 348
 2011-2013 Microchip Technology Inc.
FIGURE 29-14:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 29-17: USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 29-15:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 29-18: USART SYNCHRONOUS RECEIVE REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
US120
TCKH2DTV
SYNC XMIT (Master and Slave)
Clock high to data-out valid
—80
ns
3.0V
 VDD  5.5V
—
100
ns
1.8V
 VDD  5.5V
US121
TCKRF
Clock out rise time and fall time
(Master mode)
—45
ns
3.0V
 VDD  5.5V
—50
ns
1.8V
 VDD  5.5V
US122
TDTRF
Data-out rise time and fall time
—
45
ns
3.0V
 VDD  5.5V
—50
ns
1.8V
 VDD  5.5V
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
US125 TDTV2CKL SYNC RCV (Master and Slave)
Data-hold before CK
 (DT hold time)
10
—
ns
US126 TCKL2DTL Data-hold after CK
 (DT hold time)
15
—
ns
Note:
Refer to Figure 29-4 for load conditions.
US121
US121
US120
US122
CK
DT
Note: Refer to Figure 29-4 for load conditions.
US125
US126
CK
DT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com