Electronic Components Datasheet Search
  English  ▼

X  

MP2671 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2671
Description  Li-ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2671 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2671 Datasheet HTML 1Page - Monolithic Power Systems MP2671 Datasheet HTML 2Page - Monolithic Power Systems MP2671 Datasheet HTML 3Page - Monolithic Power Systems MP2671 Datasheet HTML 4Page - Monolithic Power Systems MP2671 Datasheet HTML 5Page - Monolithic Power Systems MP2671 Datasheet HTML 6Page - Monolithic Power Systems MP2671 Datasheet HTML 7Page - Monolithic Power Systems MP2671 Datasheet HTML 8Page - Monolithic Power Systems MP2671 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP2671 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2671 Rev. 0.9
www.MonolithicPower.com
3
2/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VB Pin Leakage Current
VVB = 4.4V
20
nA
Over Temperature Protection
Rising Threshold
140
°C
Over Temperature Protection
Falling Threshold
90
°C
Logic
EN
Input Logic HIGH
1.5
V
EN
Input Logic LOW
0.4
V
EN Internal Series Resistor
100
200
400
kΩ
WRN Output Logic Low
Sink 5mA current
0.35
0.8
V
WRN Output Logic High Leakage
Current
1
µA
Power MOSFET
On Resistance
RDS(ON)
Measured at 500mA,
4.3<VIN<5.5V
170
280
mΩ
PIN FUNCTIONS
12-pin QFN
Name
Description
1,2
VIN
Input Power Source. VIN can withstand 30V input.
3
GND,
Exposed
Pad
System Ground. Exposed pad and GND pin must be connected to the same
ground plane.
4
WRN
Open-Drain Logic Output. This pin turns LOW when any protection event occurs.
5,6
NC
No Connect. Keep it floating.
7
EN
Enable. Leave this pin floating or pull it below 0.4V to enable the IC. Drive this pin
higher than 1.5V to disable the IC.
8
VB
Battery Voltage Monitoring Input. Connect this pin to the battery pack positive
terminal via an isolation resistor.
9
ILIM
Over-current Protection Threshold Setting. Connect a resistor between this pin
and GND to set the OCP threshold.
10,11
OUT
Output pin and input pin of the protected charger.
12
NC
No Connect. Keep it floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com