Electronic Components Datasheet Search
  English  ▼

X  

MP2671 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2671
Description  Li-ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2671 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2671 Datasheet HTML 1Page - Monolithic Power Systems MP2671 Datasheet HTML 2Page - Monolithic Power Systems MP2671 Datasheet HTML 3Page - Monolithic Power Systems MP2671 Datasheet HTML 4Page - Monolithic Power Systems MP2671 Datasheet HTML 5Page - Monolithic Power Systems MP2671 Datasheet HTML 6Page - Monolithic Power Systems MP2671 Datasheet HTML 7Page - Monolithic Power Systems MP2671 Datasheet HTML 8Page - Monolithic Power Systems MP2671 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2671 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2671 Rev. 0.9
www.MonolithicPower.com
5
2/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN= 5V, RILM= 25kΩ, CIN= 1uF, RVB= 200kΩ, TA = +25ºC, unless otherwise noted.
Input Bias Current
vs. Input Voltage
when Enabled and Disabled
Input Bias Current
when Enabled and Disabled
vs. Temperature
VPOR
vs. Temperature
Input Overvoltage Protection
Threshold
vs. Temperature
Overcurrent Protection
Threshold
vs. Temperature
Overcurrent Protection
Blanking Time
vs. Temperature
Battery Voltage
OVP Threshold
vs. Temperature
VB Pin Leakage Current
vs. Temperature
EN Input Threshold
vs. Temperature
0
100
200
300
400
500
600
0
5 10
15
20
25
30
35
Input Voltage (V)
Enabled
Disabled
0
100
200
300
400
500
600
700
800
900
1000
-50
-20
10
40
70 100 130
-50
-20
10
40
70 100 130
-50
-20
10
40
70 100 130
-50
-20
10
40
70 100 130
-50
-20
10
40
70 100 130
-50
-20
10
40
70 100 130
-50
-20
10
40
70 100 130
Enabled
Disabled
2.61
2.64
2.67
2.7
2.73
2.76
2.79
2.82
2.85
2.88
2.91
2.94
5.70
5.72
5.74
5.76
5.78
5.80
5.82
5.84
5.86
Rising Threshold
Falling Threshold
970
980
990
1000
1010
1020
1030
1040
Current Limit =1A
150
155
160
165
170
175
180
185
190
195
200
4.280
4.290
4.300
4.310
4.320
4.330
4.340
4.350
4.360
4.370
4.380
4.390
-60 -40 -20 0 20 40 60 80 100 120140
Rising Max
Falling Min
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
Tested at 5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Rising Threshold
Falling Threshold
Rising Threshold
Falling Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com