Electronic Components Datasheet Search
  English  ▼

X  

MP2910 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2910
Description  Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2910 Datasheet HTML 1Page - Monolithic Power Systems MP2910 Datasheet HTML 2Page - Monolithic Power Systems MP2910 Datasheet HTML 3Page - Monolithic Power Systems MP2910 Datasheet HTML 4Page - Monolithic Power Systems MP2910 Datasheet HTML 5Page - Monolithic Power Systems MP2910 Datasheet HTML 6Page - Monolithic Power Systems MP2910 Datasheet HTML 7Page - Monolithic Power Systems MP2910 Datasheet HTML 8Page - Monolithic Power Systems MP2910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP2910 – 5V/12V SYNCHRONOUS BUCK PWM DC-DC AND LINEAR POWER CONTROLLER
MP2910 Rev. 1.0
www.MonolithicPower.com
4
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V/12V, TA = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Nominal Supply Current
ICC
UGATE AND LGATE OPEN
2.7
4
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
3.8
4.1
4.4
V
Hysteresis
VCCHYS
0.15
0.4
V
Switcher Reference
Reference Voltage
VREF
VCC=12V
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
fOSC
VCC=12V
240
290
340
kHz
Ramp Amplitude
ΔVOSC
1.5
V
Error Amplifier
EA Transconductance
Gm
0.2
ms
Open Loop DC Gain
AO
85
DB
Linear Regulator
DRV Driver Source
IDS
VDRV=6V
2.3
mA
Reference Voltage
VREF
VCC=12V
0.784
0.8
0.816
V
PWM Controller Gate Drivers (VCC=12V)
Upper Gate Source
IHG
VBST − VSW = 12V
VHG − VSW = 6V
0.6
1
A
Upper Gate Sink
RHG
VBST − VSW = 12V
VHG − VSW = 1V
4
6
Ω
Lower Gate Source
ILG
VCC = 12V, VLG = 6V
0.6
1
A
Lower Gate Sink
RLG
VCC = 12V, VLG= 1V
2.8
3.8
Ω
Dead Time
TDT
25
100
ns
Protection
FB Under-Voltage Trip
FB Falling
75
82.5
90
%
FBL Under-Voltage Trip
FB and FBL Falling
75
82.5
90
%
OC Current Source
IOC
VSW = 0V
38
µA
Soft-Start Interval
TSS
2.5
ms
Power Good
Power Good Rising Threshold
VCC=12V
90
%
Power Good Hysteresis
VCC=12V
10
%
PG Sink Capability
VCC=12V, 1mA
0.02
0.4
V
Power Good Rising Delay
VCC=12V
1
4
10
ms
Power Good Falling Delay
VCC=12V
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com