Electronic Components Datasheet Search
  English  ▼

X  

MP2910 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2910
Description  Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2910 Datasheet HTML 1Page - Monolithic Power Systems MP2910 Datasheet HTML 2Page - Monolithic Power Systems MP2910 Datasheet HTML 3Page - Monolithic Power Systems MP2910 Datasheet HTML 4Page - Monolithic Power Systems MP2910 Datasheet HTML 5Page - Monolithic Power Systems MP2910 Datasheet HTML 6Page - Monolithic Power Systems MP2910 Datasheet HTML 7Page - Monolithic Power Systems MP2910 Datasheet HTML 8Page - Monolithic Power Systems MP2910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP2910 – 5V/12V SYNCHRONOUS BUCK PWM DC-DC AND LINEAR POWER CONTROLLER
MP2910 Rev. 1.0
www.MonolithicPower.com
5
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC14
Pin #
SOIC8E
Pin #
Name Description
1
1
BST
Bootstrap supply pin for the upper gate driver. Connect the bootstrap capacitor
between BST pin and the SW
pin
2
2
HG
Upper gate driver output. Connect to gate of the high side
power N-MOSFET.
3
3
GND
Both signal and power ground for the IC
4
4
LG
Lower gate drive output. Connect to gate of the low-side
power N-MOSFET
5
DRV This pin provides the drive for the linear
regulator's pass transistor/MOSFET.
6, 7, 8
NC
No internal connection
9
FBL
Linear regulator feedback voltage.
10
PG
PG is an open-drain output used to indicate that the
regulator is within normal
operating voltage ranges
11
5
VCC
Connect this pin to a well-decoupled 5V or 12V bias supply. It is also the positive
supply for the lower gate
driver, LG.
12
6
FB
Switcher feedback voltage. This pin is the inverting input
of the error amplifier.
13
7
OPS
This pin provides multi-function of the over-current setting,
HG turn-on POR
sensing, and shut-down features.
14
8
SW
Connect this pin to the source of the upper MOSFET and
the drain of the lower
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com