Electronic Components Datasheet Search
  English  ▼

X  

MP3001 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3001
Description  1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight and Flashlight Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3001 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3001 Datasheet HTML 1Page - Monolithic Power Systems MP3001 Datasheet HTML 2Page - Monolithic Power Systems MP3001 Datasheet HTML 3Page - Monolithic Power Systems MP3001 Datasheet HTML 4Page - Monolithic Power Systems MP3001 Datasheet HTML 5Page - Monolithic Power Systems MP3001 Datasheet HTML 6Page - Monolithic Power Systems MP3001 Datasheet HTML 7Page - Monolithic Power Systems MP3001 Datasheet HTML 8Page - Monolithic Power Systems MP3001 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP3001 – AUTO-ADJUST CHARGE PUMP WLED BACKLIGHT AND FLASH DRIVER
MP3001 Rev. 0.91
www.MonolithicPower.com
6
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
OPERATION
The MP3001 uses a charge pump architecture
optimized to support both white LED backlight
and flash driver needs. To maximize power
efficiency, it automatically switches between 1X,
1.5X, and 2X modes. The device provides
regulated current for up to four backlight LEDs
and one flash LED.
The charge pump automatically responds to
changing conditions such as supply voltage,
forward diode voltage and mode selection in
order to maintain LED current and maximize
efficiency.
The single pin interface provides on/off control,
individual WLED selection, mode selection, and
brightness control for the backlight. A 5-bit
backlight brightness register provides 32 levels
of current (brightness) control. ISET1 controls
the maximum brightness of the backlights,
ISET2 sets the brightness of the flash and
ISET3 sets the brightness for preview mode.
Furthermore, the MP3001 is equipped with a
low brightness backlight mode where the
backlight current can be set accurately down to
100µA.
Soft-start and mode changes limit the inrush
current in the MP3001. The MP3001 uses
charge pump derating over a period of 200µs to
limit inrush current. Before startup the part
checks for a shorted charge pump and
pre-charges its capacitors. This further prevents
inrush and over-current situations in the part.
Single Pin Serial Port Operation
The DATA pin acts as a single wire port for
sending brightness data, LED selection and
LED control to the MP3001. The MPCTM
protocol is very flexible and easy to use and is
based entirely on short and long pulses, see
Table 1 below. Short pulses having a width
within the specified range are accepted as data.
Polarity of the data matches the pulse polarity.
Long pulses having a pulse width greater than
the minimum specified serve two purposes in
the communication. First, they are used to
separate two similar data values. For example,
back-to-back “1” data must be separated by a
long low pulse otherwise a “0” would be seen
between. Similarly, back-to-back “0”s must be
separated by a long high. Second, long pulses
are used to indicate end of communication by
sending two back-to-back long pulses. Any
number of bits up to a maximum of 11 can be
entered during one communication, always
starting with bit 0. The register value will not
change until new input is received or the
register is reset.
Table 1—MPC™ Pulse Detail
Parameter
Minimum
Maximum
Note
Tshort
1.5µs
3.5µs
Accepted
Pulse
Tlong
8µs
NA
Ignored
Pulse
1
Begin on first
acceptable pulse
DATA LINE
Tshort
Send Pattern <11010010101>
End on back-to-back
long pulse
10
0
0
0
0
11
1
1
Tlong
Tlong
Tlong
Tlong
Tshort
Tshort
Tshort
Tshort
Tshort
Tshort
Tshort
Tshort
Tshort
Tshort
Figure 1—Protocol Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com