Electronic Components Datasheet Search
  English  ▼

X  

MP3001 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3001
Description  1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight and Flashlight Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3001 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3001 Datasheet HTML 1Page - Monolithic Power Systems MP3001 Datasheet HTML 2Page - Monolithic Power Systems MP3001 Datasheet HTML 3Page - Monolithic Power Systems MP3001 Datasheet HTML 4Page - Monolithic Power Systems MP3001 Datasheet HTML 5Page - Monolithic Power Systems MP3001 Datasheet HTML 6Page - Monolithic Power Systems MP3001 Datasheet HTML 7Page - Monolithic Power Systems MP3001 Datasheet HTML 8Page - Monolithic Power Systems MP3001 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP3001
1x, 1.5x, 2x Auto-Adjust Charge Pump
White LED Backlight and Flashlight Driver
MP3001 Rev. 0.91
www.MonolithicPower.com
1
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3001 is a dual function WLED driver
intended for camera phone applications. It can
drive up to 4 backlight WLEDs at up to 30mA
each and a flash WLED at up to 250mA.
Backlight brightness can be adjusted with a
5-bit register plus one bit for precise low
brightness control.
The
MP3001
employs
a
super
efficient
inductorless charge pump with 1x, 1.5x and 2x
automatic mode control to achieve high
efficiency power conversions.
Monolithic Power System’s single wire MPCTM
serial data link provides a simple and fast
interface used to enable, disable and set
current levels for each LED. In addition,
soft-start limits the inrush current during startup
and mode switching.
Each output is current limited, providing
controlled brightness and short circuit protection.
Thermal shutdown protection guards against
excessive loads and shorts.
The tiny 3mm x 3mm QFN 16-pin package and
small external capacitors deliver the most
compact white LED solution available.
FEATURES
• Simultaneous Support of Backlight and
Flash LEDs up to 370mA
• Three Independent Controls on WLED
Currents
Backlight: up to 4 WLEDs at 30mA Each
Flashlight: up to 250mA Total
Preview: up to 120mA Total
• Single Wire Serial Bus (MPCTM Serial Data Link)
Simple, Low Overhead Solution
Fast Data Transfer Rate
• Good Current Matching at Low LED Current Level
• Thermal Shutdown Protection
• Under-Voltage Protection
• Available in a 3mm x 3mm 16-Pin QFN Package
• Low EMI Noise
APPLICATIONS
• Cellular Phones
• PDA Phones
• PDAs
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
“MPC” is a Trademark of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3001
FLED
LED0
LED1
LED2
LED3
CP
12
16
15
14
13
1
VIN
C1A
C1B
C2A
C2B
DATA
ISET1
ISET2
ISET3
VSS
7
4
3
6
2
8
11
10
9
5
BATT
SINGLE PIN SERIAL PORT
250mA Total
Flash/Preview
FL
D1
D2
D3
D4
120mA Total Backlight
COMMON ANODE
CONFIGURATION
CONNECT EXPOSED PAD TO PIN5
100
90
80
70
60
50
40
30
20
2.5
3.0
3.5
4.0
4.5
BATTERY VOLTAGE (V)
Efficiency vs
Battery Voltage
I_LED=30mA
I_LED=20mA
I_LED=10mA


Similar Part No. - MP3001

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MP300-2400 XPPOWER-MP300-2400 Datasheet
1Mb / 6P
Fully Featured Signal Set
logo
Multicomp Pro
MP300255 MULTICOMP-MP300255 Datasheet
414Kb / 2P
Right Angle XLR Connectors PCB Mount
12/08/21 V1.0
MP300405 MULTICOMP-MP300405 Datasheet
414Kb / 2P
Right Angle XLR Connectors PCB Mount
12/08/21 V1.0
logo
Shanghai Shunye Electro...
MP3005S SHUNYE-MP3005S Datasheet
146Kb / 2P
35.0A Single-PhaseSiliconBridgeRectifier
V2.22
More results

Similar Description - MP3001

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Monolithic Power System...
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
EV3021DQ-00A MPS-EV3021DQ-00A Datasheet
198Kb / 5P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Evaluation Board
EV3022DQ-00A MPS-EV3022DQ-00A Datasheet
153Kb / 5P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com