Electronic Components Datasheet Search
  English  ▼

X  

MP3202 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3202
Description  1.3A Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3202 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3202 Datasheet HTML 1Page - Monolithic Power Systems MP3202 Datasheet HTML 2Page - Monolithic Power Systems MP3202 Datasheet HTML 3Page - Monolithic Power Systems MP3202 Datasheet HTML 4Page - Monolithic Power Systems MP3202 Datasheet HTML 5Page - Monolithic Power Systems MP3202 Datasheet HTML 6Page - Monolithic Power Systems MP3202 Datasheet HTML 7Page - Monolithic Power Systems MP3202 Datasheet HTML 8Page - Monolithic Power Systems MP3202 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP3202 – 1.3A FIXED FREQUENCY WHITE LED DRIVER
MP3202 Rev. 0.91
www.MonolithicPower.com
4
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
OPERATION
The MP3202 uses a constant frequency, peak
current mode boost regulator architecture to
regulate the strings of white LEDs. Refer to the
block diagram in Figure 1 for details.
At the start of each oscillator cycle the FET is
turned on through the control circuitry. To
prevent sub-harmonic oscillations at duty cycles
greater than 50%, a stabilizing ramp is added to
the output of the current sense amplifier and the
result is fed into the positive input of the PWM
comparator. When this voltage equals the
output voltage of the error amplifier the power
FET is turned off.
The voltage at the output of the error amplifier
is an amplified version of the difference
between the 104mV reference voltage and the
feedback voltage. In this way the peak current
level keeps the output in regulation.
If the feedback voltage starts to drop, the output
of the error amplifier increases. This results in
more current flowing through the power FET,
thus increasing the power delivered to the
output.
PWM
COMPARATOR
AMPLIFIER
CONTROL
LOGIC
CURRENT
SENSE
AMPLIFIER
SW
M1
GND
-
+
FB
1.3MHz
OSC
-
+
+
-
+
104mV
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com