Electronic Components Datasheet Search
  English  ▼

X  

MP3202 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3202
Description  1.3A Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3202 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3202 Datasheet HTML 1Page - Monolithic Power Systems MP3202 Datasheet HTML 2Page - Monolithic Power Systems MP3202 Datasheet HTML 3Page - Monolithic Power Systems MP3202 Datasheet HTML 4Page - Monolithic Power Systems MP3202 Datasheet HTML 5Page - Monolithic Power Systems MP3202 Datasheet HTML 6Page - Monolithic Power Systems MP3202 Datasheet HTML 7Page - Monolithic Power Systems MP3202 Datasheet HTML 8Page - Monolithic Power Systems MP3202 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP3202 – 1.3A FIXED FREQUENCY WHITE LED DRIVER
MP3202 Rev. 0.91
www.MonolithicPower.com
5
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
APPLICATION INFORMATION
OFF ON
MP3202
VIN
4V to 6V
MBR0520
9 Strings
Total
IN
EN
GND
OV
FB
SW
Figure 2—Circuit for Driving 27 WLEDs
A typical application circuit is provided in Figure
2. The 27 white LEDs can be driven from a
voltage supply range of 4V to 6V at a total
output current of 180mA. A 2.2µF output
capacitor is sufficient for most applications but
up to 1µF may be used. A 10µH inductor with
low DCR (inductor resistance) is recommended
to
improve
efficiency.
A
4.7µF
ceramic
capacitor is recommended for the input
capacitance in the real system. Schottky diodes
with fast recovery and a low forward voltage are
recommended. Schottky diodes with a 500mA
rating are sufficient for the MP3202. The
switching
characteristics
during
normal
operation can be seen in Figure 3. The MP3202
has internal soft-start to limit the amount of
current through the IN pin at startup and to also
limit the amount of overshoot on the output. The
current limit is increased by a fourth every 40µs
giving a total soft-start time of 120µs.
VSW
5V/div.
VOUT AC
200mV/div.
IL
500mA/div.
400ns/div.
Steady State Operation
VIN = 5V, 27 LEDS, 180mA
Figure 3—Steady State Operation
Figure 4 shows the startup behavior of the
MP3202. The ramped voltage added to the
current sense amplifier reduces the current
output as the duty cycle increases. As more
LEDs are added, the output voltage rises but
the current that can be delivered to the load is
reduced as well.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com