Electronic Components Datasheet Search
  English  ▼

X  

MP3209 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3209
Description  1.4MHz, 350mA Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3209 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3209 Datasheet HTML 1Page - Monolithic Power Systems MP3209 Datasheet HTML 2Page - Monolithic Power Systems MP3209 Datasheet HTML 3Page - Monolithic Power Systems MP3209 Datasheet HTML 4Page - Monolithic Power Systems MP3209 Datasheet HTML 5Page - Monolithic Power Systems MP3209 Datasheet HTML 6Page - Monolithic Power Systems MP3209 Datasheet HTML 7Page - Monolithic Power Systems MP3209 Datasheet HTML 8Page - Monolithic Power Systems MP3209 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP3209 – 1.4MHZ, 350mA BOOST CONVERTER
MP3209 Rev. 0.941
www.MonolithicPower.com
4
11/30/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1=10µF, C2=4.7µF, L=22µH, R3=26.1kΩ, C3=100pF, Ta=25ºC. Unless otherwise noted. (Figure 2)
85
20
100
0
200
300
400
500
600
700
800
30 40 50
60
0
7
80
90
DUTY CYCLE (%)
Maximum Current vs
Duty Cycle
Supply Shut Down Current
Quiescent Current
10 20 30 40
50 60 70
80
VIN=4.5V
VIN=4V
VIN=3.5V
VIN=3V
IOUT=10mA
VOUT=15V
VIN=5V
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
Line Regulation
Load Regulation
20
0
40
60
80
100
3.2
2.5
3.9
4.6
5.3
6.0
3.2
2.5
3.9
4.6
5.3
6.0
20
0
40
60
80
100
95
92
89
86
83
80
1.0
0.8
0.6
0.4
0.2
0.0
1.0
0.8
0.6
0.4
0.2
0.0
12.4
12.2
12.0
11.8
11.6
11.4
95
92
89
86
83
80
95
92
89
86
83
80
95
93
91
89
87
85
0
40
120
160
80
3.0
3.5
4.5
5.0
4.0
0
40
60
100
20
120
80
LOAD CURRENT(mA)
LOAD CURRENT(mA)
LOAD CURRENT(mA)
LOAD CURRENT(mA)
LOAD CURRENT(mA)
Efficiency vs.
Load Current
Efficiency vs.
Load Current
Efficiency vs.
Load Current
Efficiency vs
Load Current
VIN=6V
VOUT=12V
VIN=4V
VOUT=12V
VIN=5V
VOUT=12V
12.3
12.2
12.1
12.0
11.9
11.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com