Electronic Components Datasheet Search
  English  ▼

X  

MP3209 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3209
Description  1.4MHz, 350mA Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3209 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3209 Datasheet HTML 1Page - Monolithic Power Systems MP3209 Datasheet HTML 2Page - Monolithic Power Systems MP3209 Datasheet HTML 3Page - Monolithic Power Systems MP3209 Datasheet HTML 4Page - Monolithic Power Systems MP3209 Datasheet HTML 5Page - Monolithic Power Systems MP3209 Datasheet HTML 6Page - Monolithic Power Systems MP3209 Datasheet HTML 7Page - Monolithic Power Systems MP3209 Datasheet HTML 8Page - Monolithic Power Systems MP3209 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP3209
1.4MHz, 350mA
Boost Converter
MP3209 Rev. 0.941
www.MonolithicPower.com
1
11/30/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3209 is a current mode step up
converter intended for small, low power
applications. The MP3209 switches at 1.4MHz
and allows the use of tiny, low cost inductor and
capacitor to achieve a solution less than 1mm
in height. Internal soft start results in small
inrush current and extends battery life.
The MP3209 includes under-voltage lockout,
current limiting, and thermal overload protection
to prevent damage in the event of an output
overload. The MP3209 is available in small
5-pin TSOT23 and 2mm x 2mm ultra-thin QFN
8-pin packages.
FEATURES
• 2.5V to 6V Input Voltage Range
• On Board Power MOSFET
• Uses Tiny Capacitors and Inductors
• 1.4MHz Fixed Switching Frequency
• Internally Compensated
• Internal Soft-Start
• Operates with Input Voltage as Low as 2.5V
and Output Voltage as High as 22V
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in TSOT23-5 and Ultra-Thin 2x2
QFN Packages
APPLICATIONS
• Cell Phones
• External Modems
• Small LCD Displays
• OLED Drivers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
3V - 6V
R2
VOUT
15V
C3
100pF
D1
MP3209
SW
IN
FB
GND
EN
OFF ON
95
92
89
86
83
80
10
20
30
40
50
60
LOAD CURRENT (mA)
Efficiency vs
Load Current
VIN=4v
VOUT=15v


Similar Part No. - MP3209

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3209DJ MPS-MP3209DJ Datasheet
137Kb / 4P
1.3MHz 350mA Boost Converter Evaluation Board
More results

Similar Description - MP3209

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
1.4MHz Cuk Converter
LM2611 NSC-LM2611_05 Datasheet
832Kb / 15P
1.4MHz Cuk Converter
logo
Linear Technology
LT3495 LINER-LT3495 Datasheet
327Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
1.4MHz Boost Converter With 30V Internal FET Switch
logo
Linear Technology
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
logo
Texas Instruments
LM2611 TI-LM2611_15 Datasheet
1Mb / 24P
LM2611 1.4MHz Cuk Converter
logo
Monolithic Power System...
EV3209DJ-00A MPS-EV3209DJ-00A Datasheet
137Kb / 4P
1.3MHz 350mA Boost Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com