Electronic Components Datasheet Search
  English  ▼

X  

MP3216 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3216
Description  36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3216 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3216 Datasheet HTML 1Page - Monolithic Power Systems MP3216 Datasheet HTML 2Page - Monolithic Power Systems MP3216 Datasheet HTML 3Page - Monolithic Power Systems MP3216 Datasheet HTML 4Page - Monolithic Power Systems MP3216 Datasheet HTML 5Page - Monolithic Power Systems MP3216 Datasheet HTML 6Page - Monolithic Power Systems MP3216 Datasheet HTML 7Page - Monolithic Power Systems MP3216 Datasheet HTML 8Page - Monolithic Power Systems MP3216 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP3216 –36V, 1.3MHz STEP-UP CONVERTER WITH A 0.75A SWITCH
MP3216 Rev. 0.92
www.MonolithicPower.com
3
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
2.5
6
V
Supply Current (Shutdown)
VEN = 0V
10
µA
Supply Current (Quiescent)
VFB = 0.15V
550
650
µA
Switching Frequency
fSW
1.0
1.3
1.5
MHz
Maximum Duty Cycle
VFB = 0V
92
%
Under Voltage Lockout
IN Under Voltage Lockout
UVLO
VIN Rising
2.25
2.45
V
Under Voltage Lockout
Hysteresis
92
mV
Over Voltage Shutdown
Threshold
VOV
VOV Rising
42
V
Enable
EN OFF Threshold
VEN Falling
0.8
V
EN ON Threshold
VEN Rising
2
V
Feedback
FB Voltage
VFB
1.20
1.24
1.28
V
FB Input Bias Current
VFB = 1.2V
70
nA
Output Switch
SW On-Resistance
RON
600
mΩ
SW Current Limit
Duty Cycle = 60%
0.75
A
Thermal Shutdown
150
°C
Output Disconnect Switch
N-CH On-Resistance
300
mΩ
Inrush Current Limit
VL<(VIN-0.3V)
0.21
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com