Electronic Components Datasheet Search
  English  ▼

X  

MP3216 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3216
Description  36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3216 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3216 Datasheet HTML 1Page - Monolithic Power Systems MP3216 Datasheet HTML 2Page - Monolithic Power Systems MP3216 Datasheet HTML 3Page - Monolithic Power Systems MP3216 Datasheet HTML 4Page - Monolithic Power Systems MP3216 Datasheet HTML 5Page - Monolithic Power Systems MP3216 Datasheet HTML 6Page - Monolithic Power Systems MP3216 Datasheet HTML 7Page - Monolithic Power Systems MP3216 Datasheet HTML 8Page - Monolithic Power Systems MP3216 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP3216
36V, 1.3MHz, 0.75A Step-up Converter
With Output Disconnect
MP3216 Rev. 0.92
www.MonolithicPower.com
1
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3216 is a monolithic step up converter
integrating a 0.75A, 0.6Ω internal switch. The
MP3216 uses current mode, fixed frequency
architecture to regulate the output voltage,
providing fast transient response and cycle by
cycle current limit.
The MP3216 includes under-voltage lockout, over
voltage
protection
and
thermal
overload
protection preventing damage in the event of an
output overload.
In addition, the MP3216 can disconnect all loads
from input DC power supply. The output short
circuit protection prevents the Schottky diode and
IC from damage.
The MP3216 is available in small 6-pin TSOT23
package.
FEATURES
• Internal 0.6Ω Power MOSFET
• Up to 36V Output Voltage
• 1.3MHz Fixed Switching Frequency
• 42V Over Voltage Shutdown
• Cycle-by-Cycle Over Current Protection
• UVLO, Thermal Shutdown
• Output Disconnection
• Output Short Protection
• Available in TSOT23-6 Packages
APPLICATIONS
• Portable Applications
• Handheld Computers and PDAs
• Digital Still Cameras
For MPS green status, please visit MPS website under Quality Assurance.
“Monolithic Power Systems”, “MPS”, and “The Future of Analog IC Technology”
are Registered Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
20
30
40
50
60
70
80
90
0 2 4 6 8 101214161820
OUTPUT CURRENT (mA)
Efficiency vs.
Output Current


Similar Part No. - MP3216

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3216DJ MPS-MP3216DJ Datasheet
190Kb / 4P
1.3MHz, 36V Boost Converter Evaluation Board
More results

Similar Description - MP3216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
MP1527 MPS-MP1527 Datasheet
272Kb / 14P
2A, 1.3MHz Step-Up Converter
logo
National Semiconductor ...
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
MP3115 MPS-MP3115 Datasheet
622Kb / 8P
High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
1.3MHz, 36V Boost Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com