Electronic Components Datasheet Search
  English  ▼

X  

MP3217 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3217
Description  36V, 670kHz Step-up Converter with a 0.5A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3217 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3217 Datasheet HTML 1Page - Monolithic Power Systems MP3217 Datasheet HTML 2Page - Monolithic Power Systems MP3217 Datasheet HTML 3Page - Monolithic Power Systems MP3217 Datasheet HTML 4Page - Monolithic Power Systems MP3217 Datasheet HTML 5Page - Monolithic Power Systems MP3217 Datasheet HTML 6Page - Monolithic Power Systems MP3217 Datasheet HTML 7Page - Monolithic Power Systems MP3217 Datasheet HTML 8Page - Monolithic Power Systems MP3217 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP3217 –36V, 670kHz STEP-UP CONVERTER WITH A 0.5A SWITCH
MP3217 Rev. 0.91
www.MonolithicPower.com
5
10/15/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit refer to Figure 2, VIN=5V, VOUT=33V, TA=+25˚C, unless otherwise noted.
40
50
60
70
80
90
0 2 4 6 8 101214161820
OUTPUT CURRENT (mA)
INPUT VOLTAGE (V)
OUTPUT CURRENT (mA)
Efficiency vs.
Output Current
Line Regulation
IOUT=10mA
Load Regulation
0
5
10
15
20
25
Current Limit vs. Duty
VFB=0V
0
100
200
300
400
500
600
700
800
900
1000
DUTY (%)
4.5 4.6 4.7 4.8 4.9 5 5.1 5.2 5.3 5.4 5.5
VOUT/AC
20mV/div
VSW
20V/div
IINDUCTOR
100mA/div
VOUT/AC
50mV/div
VSW
20V/div
IINDUCTOR
100mA/div
2us/div
2us/div
Steady State
IOUT=0mA
Steady State
IOUT=10mA
VIN Power On
IOUT=10mA
VOUT
20V/div
VIN
2V/div
VSW
20V/div
IINDUCTOR
200mA/div
1ms/div
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
VOUT
20V/div
VEN
5V/div
VSW
20V/div
IINDUCTOR
200mA/div
200us/div
2ms/div
VIN Power Off
IOUT=10mA
EN Power On
IOUT=10mA
VOUT
20V/div
VIN
2V/div
VSW
20V/div
IINDUCTOR
200mA/div
10 20 30 40 50 60 70 80 90100
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com