Electronic Components Datasheet Search
  English  ▼

X  

MP3217 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3217
Description  36V, 670kHz Step-up Converter with a 0.5A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3217 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3217 Datasheet HTML 1Page - Monolithic Power Systems MP3217 Datasheet HTML 2Page - Monolithic Power Systems MP3217 Datasheet HTML 3Page - Monolithic Power Systems MP3217 Datasheet HTML 4Page - Monolithic Power Systems MP3217 Datasheet HTML 5Page - Monolithic Power Systems MP3217 Datasheet HTML 6Page - Monolithic Power Systems MP3217 Datasheet HTML 7Page - Monolithic Power Systems MP3217 Datasheet HTML 8Page - Monolithic Power Systems MP3217 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP3217
36V, 670kHz Step-up Converter
with a 0.5A Switch
MP3217 Rev. 0.91
www.MonolithicPower.com
1
10/15/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3217 is a monolithic step up converter
integrating a 0.5A, 0.6Ω internal switch. The
MP3217 uses current mode, fixed frequency
architecture to regulate the output voltage,
providing fast transient response and cycle by
cycle current limit.
The MP3217 includes under-voltage lockout, over
voltage
protection
and
thermal
overload
protection preventing damage in the event of an
output overload.
The MP3217 is available in small 6-pin TSOT23
package.
FEATURES
• Internal 0.6Ω Power MOSFET
• Up to 36V Output Voltage
• 670kHz Fixed Switching Frequency
• 42V Over Voltage Shutdown
• Cycle-by-Cycle Over Current Protection
• UVLO, Thermal Shutdown
• Available in TSOT23-6 Packages
APPLICATIONS
• APD Bias Generation
• Portable Applications
• Handheld Computers and PDAs
• Digital Still Cameras
“Monolithic Power Systems”, “MPS”, and “The Future of Analog IC Technology”
are Registered Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3217
VIN=5V
D1
B0540
ENABLE
IN
SW
EN
GND
FB
VOUT=33V
PGND
40
50
60
70
80
90
0 2 4 6 8 101214161820
OUTPUT CURRENT (mA)
Efficiency vs.
Output Current


Similar Part No. - MP3217

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3217DJ MPS-MP3217DJ Datasheet
140Kb / 4P
670kHz, 70V Voltage Doubler Evaluation Board
More results

Similar Description - MP3217

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6101 ADMOS-AMS6101 Datasheet
497Kb / 5P
2A SWITCH STEP-UP DC/DC CONVERTER
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137 Datasheet
408Kb / 18P
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
logo
Texas Instruments
TPS61086 TI-TPS61086 Datasheet
1Mb / 26P
18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62175 TI-TPS62175 Datasheet
3Mb / 37P
28V, 0.5A Step-Down Converter with Sleep Mode
logo
Monolithic Power System...
MP3216 MPS-MP3216 Datasheet
421Kb / 10P
36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
logo
Maxim Integrated Produc...
MAX15032 MAXIM-MAX15032 Datasheet
289Kb / 10P
500kHz, 36V Output, 600mW PWM Step-Up DC-DC Converter
Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com