Electronic Components Datasheet Search
  English  ▼

X  

MP3302 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3302
Description  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3302 Datasheet HTML 1Page - Monolithic Power Systems MP3302 Datasheet HTML 2Page - Monolithic Power Systems MP3302 Datasheet HTML 3Page - Monolithic Power Systems MP3302 Datasheet HTML 4Page - Monolithic Power Systems MP3302 Datasheet HTML 5Page - Monolithic Power Systems MP3302 Datasheet HTML 6Page - Monolithic Power Systems MP3302 Datasheet HTML 7Page - Monolithic Power Systems MP3302 Datasheet HTML 8Page - Monolithic Power Systems MP3302 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP3302 –40V, 1.3A, SINGLE-CELL STEP-UP WHITE LED DRIVER WITH SINGLE WIRE DIMMING CONTROL
MP3302 Rev. 0.98
www.MonolithicPower.com
5
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, 3WLEDs 9Strings, unless otherwise noted.
VSW
10V/div.
VEN
2V/div.
VOUT
5V/div.
VEN
2V/div.
VEN
5V/div.
VOUT
5V/div.
ILED
100mA/div.
Enable Startup
VSW
10V/div.
ILED
100mA/div.
VEN
5V/div.
VOUT
5V/div.
VSW
10V/div.
ILED
100mA/div.
Enable Shutdown
PWM Dimming
VSW
20V/div.
VOUT
20V/div.
Start Up into Openload
VSW
10V/div.
VFB
50mV/div.
VOUT
AC Coupled
100mV/div.
Iinductor
500mA/div.
400ns/div.
Steady State Operation
VIN = 5V, 3 WLEDs,9 Strings
VIN = 5V, 3 WLEDs,9 Strings
VIN = 5V, 3 WLEDs,9 Strings
VIN = 5V
VIN = 5V, 3 WLEDs,9 Strings
f=1kHz
VIN=5V, 3 WLEDs, 9 Strings
VIN=5V, 3 WLEDs, 9 Strings
0
0.2
0.4
0.8
1
PWM DIMMING DUTY
Output Current vs
PWM Dimming Duty
200
180
160
140
120
100
80
60
40
20
0.6
0
200
180
160
140
120
100
80
60
40
20
0
0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6
EN PIN VOLTAGE (V)
Output Current vs
Analog Dimming Voltage
3
60
65
70
75
80
85
90
95
4
56
INPUT VOLTAGE(V)
3 WLEDs,9 Strings
6 WLEDs
8 WLEDs
10WLEDs
Efficiency vs
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com